Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4581 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA4581
Description  Preamplifier Power Amplifier for 3V Headphone Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4581 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA4581 Datasheet HTML 1Page - Sanyo Semicon Device LA4581 Datasheet HTML 2Page - Sanyo Semicon Device LA4581 Datasheet HTML 3Page - Sanyo Semicon Device LA4581 Datasheet HTML 4Page - Sanyo Semicon Device LA4581 Datasheet HTML 5Page - Sanyo Semicon Device LA4581 Datasheet HTML 6Page - Sanyo Semicon Device LA4581 Datasheet HTML 7Page - Sanyo Semicon Device LA4581 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Continued from preceding page.
Pin No.
Pin Function
8
PRE MUTE
v When VCC is applied, PRE MUTE ON.
v MUTE ON conditions: V8IN ^ VCC – 0.2 V, inflow current I7 7 60 µA (when VCC =3V)
9
Ripple Filter REF 2.7 V(C7 = 2.2 µF to 33 µF)
v Ripple Filter, Vref reference
v The Vref ripple rejection ratio worsens when C7 is made smaller.
v Rr is 55 dB for 22 µF; 35 dB for 2.2 µF.
10
Ripple Filter OUT 2.7 V
v Ripple rejection ratio: Rr is 38 dB when C7 = 22 µF; 30 dB when C7 = 2.2 µF.
v Outflow current I7 max=1mA
11
VCC 3.0 V
12
POWER GND
13
COMMON 1.2 V
14
POWER OUT1 1.2 V
v CH1 output.
15
POWER OUT2 1.2 V
v CH2 output
16
POWER MUTE 0.7 V (C10 = 1.0 µF to 4.7 µF)
v When connected to GND: POWER MUTE ON.
v MUTE ON conditions: V16 % 0.3 V, outflow current I16 7 2.5 µA.
v C10 can be used to control MUTE TIME.
v When C10 = 2.2 µF, VCC =3.0 V 0.7 sec.
17
FWD/REV SW (C11
% 0.47 µF)
v When connected to GND, PRE IN1R (pin 2) and IN2R (pin 23) turn on.
v When floating, PRE IN1F (pin 3) and IN2F (pin 22) turn on.
v C11 and R7 are intended for smoothing at the time of switching.
v REV condition: V17 % 0.2 V.
18
POWER IN2 1.8 V
v Input resistance RIN 7 30 kΩ
19
SW OUT2 1.8 V
v Provides PRE AMP2 when pin 8 is floating (PRE MUTE OFF) (equivalent to pin 20).
v Disconnects from PRE AMP2 and RIN ^ 500 kΩ when pin 8 is VCC (PRE MUTE ON).
20
PRE OUT2 1.8 V
v Like pin 19, 10 k
Ω load drivable.
21
PRE NF2 1.8V
22
PRE IN2F 1.8 V
v Turns on when pin 17 is floating.
v A bias resistor (2.2 k
Ω) must be connected between pin 22 and pin 24 (Vref) when no head is in use.
23
PRE IN2R 1.8 V
v Turns on when pin 17 is connected to GND.
v A bias resistor (2.2 k
Ω) must be connected between pin 23 and pin 24(Vref) when no head is in use.
24
Vref 1.8 V
v The reference voltage is set to 3/5
× VCC. Because Vref AMP (rO 7 10 Ω) is built in, C17 can be made smaller (1 µF).
v Inflow/outflow current I24 = ± 500 µA available.
Sample Application:
Radio set application.
As shown above, Radio on and
Pre Mute can be implemented with one-circuit
switch.
LA4581MB
No.3535-4/8


Numéro de pièce similaire - LA4581

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4583 SANYO-LA4583 Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
More results

Description similaire - LA4581

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Rohm
BA3528AFP ROHM-BA3528AFP Datasheet
258Kb / 14P
   Pre / power amplifier and motor governor for 3V headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com