Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4555 Datasheet(Fiches technique) 5 Page - Sanyo Semicon Device

Numéro de pièce LA4555
Description  2-Channel AF Power Amplifier for Radio, Tape Recorder Use
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA4555
No.1697–5/10
Proper Cares in Using LA4555-Applied Set
1. If the transformer regulation is not as specified, the supply voltage drops momentarily when the motor is an AC-
powered set is turned ON. In this case, hum noise may be generated. So, be careful of the transformer regulation.
2. DC muting
To apply DC muting by controlling the NF pin, it is recommended to use
the circuit configuration shown right. The potential at point A is set to 3.5
to 4V.
3. Pop noise
If pop noise generated at the time of power ON/OFF disturbs you, con-
nect a resistor of approximately 620
Ω across the middle point and GND.
4. Slider contact noise of variable resistor
Since the input circuit uses PNP transistors, no input coupling capacitor is
required. However, if slider contact noise of the variable resistor presents
any problem, connect a capacitor in series with input.
Thermal Design
Since the DIP-12F package is such that the Cu-foiled area of the printed circuit board is used to dissipate heat, make the
Cu-foiled area in the vicinity of the heat sink of the IC as large as possible when designing the printed circuit board. The
use of the Cu-foiled area indicated by shading in the above-mentioned sample printed circuit pattern makes it possible
to dissipate more heat. Power dissipation Pd is increased depending on the supply voltage and load. So, it is recom-
mended to use the printed circuit board together with the heat sink. The following is a formula to be used to calculate Pd
(for stereo use). For AC power supply, however, it is recommended to actually measure Pd on the transformer of each
set. For bridge amplifier use, Pd is calculated at 1/2 of the load.
(1) DC power supply
Pd max=
+ Icco · VCC (For stereo use) ..... (1)
(2) AC power supply
VCC2
: Supply voltage at quiescent mode
VCC (Pd) : Supply voltage at Pd max
VCC1
: Supply voltage at maximum output
r
: Voltage regulation VCC2 – VCC1
VCC1
Icco
: Quiescent current
Pd max=
+ Icco · VCC (Pd) (For stereo use) .............. (2)
where
VCC (Pd)=
Example of Heat Sink Mounting Method
The heat sink must be of such a shape as to be able to dissipate heat from the IC plastic area and fin area and is soldered to
the printed circuit board as shown below. For the size of the heat sink, refer to the Pd – Ta characteristic. The material of the
heat sink is recommended to be copper or iron which is solderable. It is recommended to apply silicone grease to the IC
plastic area to reduce thermal resistance between the heat sink and the IC plastic area.
Example of Heat Sink Mounting
VCC2
π2R
L
VCC(Pd)2
π2R
L
(1+r) VCC1
r · VCC1
√2 · π · R
L
RL
Po max
1+
×




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA45502-Channel AF Power Amp for Radio Tape Recorder Use 1 2 3 4 5 MoreSanyo Semicon Device
LA45572-Channel AF Power Amp for Radio Tape Recorder Use 1 2 3 4 5 MoreSanyo Semicon Device
LA41252-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
LA41262-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA42822-Channel 10 W AF Power Amplifier for Use in Home Stereo TV Applications 1 2 3 4 5 MoreSanyo Semicon Device
NTE1472Integrated Circuit Audio Power Amplifier 1W for Tape Recorder 1 2 NTE Electronics
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA41832.3 W 2-Channel AF Power Amplifier for Radio Cassette Players 1 2 3 4 5 MoreSanyo Semicon Device
LA45052-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE 15V 1 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl