Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4555 Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce LA4555
Description  2-Channel AF Power Amplifier for Radio, Tape Recorder Use
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA4555
No.1697–2/10
Operating Characteristics at Ta = 25˚C, VCC=9V, f=1kHz, Rg=600Ω, RL=4Ω, ( ) : RL=8Ω,
See specified Test Circuit.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
Qo
c
c
I
V
9
o
e
r
e
t
S5
10
3A
m
V
6
o
e
r
e
t
S3
1A
m
n
i
a
g
e
g
a
t
l
o
VG
VV
,
0
=
f
R
N
I
m
B
d
1
5
=9
41
53
5B
d
e
c
n
e
r
e
f
f
i
d
n
i
a
g
e
g
a
t
l
o
V
∆ G
V
V
,
0
=
f
R
N
I
m
B
d
1
5
=1
±B
d
r
e
w
o
p
t
u
p
t
u
OPO
o
e
r
e
t
S
,
V
6
,
%
0
1
=
D
H
T7
.
00
.
1W
L
T
B
,
%
0
1
=
D
H
T8
.
2W
o
e
r
e
t
S
,
V
9
,
%
0
1
=
D
H
T7
.
13
.
2W
L
T
B
,
%
0
1
=
D
H
T)
5
.
4
(W
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TD
H
TPO
W
m
0
5
2
=3
.
05
.
1%
e
c
n
a
t
s
i
s
e
r
t
u
p
n
Ii
r1
20
3k
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
t
u
OV O
N
0
=
g
R5
.
00
.
1V
m
k
0
1
=
g
R
8
.
00
.
2V
m
n
o
i
t
c
e
j
e
r
e
l
p
p
i
Rr
RV
,
z
H
0
0
1
=
f
,
0
=
g
R
R
V
m
0
5
1
=0
48
4B
d
k
l
a
t
s
s
o
r
CT
Ck
0
1
=
g
R
m
B
d
0
=
o
V
,
z
H
k
1
=
f
,0
48
5B
d
Equivalent Circuit Block Diagram
Sample Application Circuit : Stereo Use




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA45502-Channel AF Power Amp for Radio Tape Recorder Use 1 2 3 4 5 MoreSanyo Semicon Device
LA45572-Channel AF Power Amp for Radio Tape Recorder Use 1 2 3 4 5 MoreSanyo Semicon Device
LA41252-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
LA41262-CHANNEL AF POWER AMP FOR RADIO TAPE RECORDER 1 Sanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA42822-Channel 10 W AF Power Amplifier for Use in Home Stereo TV Applications 1 2 3 4 5 MoreSanyo Semicon Device
NTE1472Integrated Circuit Audio Power Amplifier 1W for Tape Recorder 1 2 NTE Electronics
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA41832.3 W 2-Channel AF Power Amplifier for Radio Cassette Players 1 2 3 4 5 MoreSanyo Semicon Device
LA45052-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE 15V 1 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl