Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMCE-0828 Fiches technique(PDF) 10 Page - Interpoint Corporation Company

No de pièce FMCE-0828
Description  Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0828 Fiches technique(HTML) 10 Page - Interpoint Corporation Company

Back Button FMCE-0828 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 9Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 10Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
PRODUCT ELEMENT EVALUATION
COmpOnent-level test
perFOrmed
standard and /es
nOn-Qml 1
/883
Class h Qml
M/S 2
P 3
M/S 2
P 3
Element Electrical (probe)
yes
no
yes
yes
Element Visual
no
no
yes
yes
Internal Visual
no
N/A
yes
N/A
Final Electrical
no
no
yes
yes
Wire Bond Evaluation 4
no
no
yes
yes
SLAM™/C-SAM:
Input capacitors only
(Add’l test, not req. by H)
no
no
no
yes
Notes:
1. Standard and /ES, non-QML products, do no meet all of the requirements of
MIL-PRF-38534.
2. M/S = Active components (Microcircuit and Semiconductor Die)
3. P = Passive components
4. Not applicable to EMI filters that have no wire bonds.
Definitions:
Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534
SLAM™: Scanning Laser Acoustic Microscopy
C-SAM: C - Mode Scanning Acoustic Microscopy
scReenIng table 1: eleMent evaluatIOn
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 10 of 11
FMce-0828 eMi input Filters
28 Volt input – 8 aMp
FMCE-0828 Rev E - 20100427


Numéro de pièce similaire - FMCE-0828

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828/883 INTERPOINT-FMCE-0828/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
More results

Description similaire - FMCE-0828

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
   3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
JMK Inc.
ZA-2075-8 JMK-ZA-2075-8 Datasheet
182Kb / 1P
   designed for systems operating under the requirements of MIL-STD-461C
ZF-1346-6.3 JMK-ZF-1346-6.3 Datasheet
64Kb / 1P
   The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C.
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com