Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4282 Datasheet(Fiches technique) 5 Page - Sanyo Semicon Device

Numéro de pièce LA4282
Description  2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
Supply voltage, VCC –V
Output power, PO –W
Output power, PO –W
Output power, PO –W
Signal source resistance, Rg −
Ripple voltage, VR – Vrms
BW=20Hzto20kHz
Supply voltage, VCC –V
Frequency,f–Hz
LA4282
No.2683-5/6




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA42756.0 W AF Power Amplifier for Home Stereo TV Use 1 2 Sanyo Semicon Device
LA42802-Channel 10W AF Power Amp for Home Stereo TV Use 1 2 3 Sanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA4450Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
TA2120FNLOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD 3V USE 1 2 3 4 5 MoreToshiba Semiconductor
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA45552-Channel AF Power Amplifier for Radio Tape Recorder Use 1 2 3 4 5 MoreSanyo Semicon Device
KA386Bthe ka386b/bd/bs is a power amplifier designed for use in low voltage consumer applications 1 2 3 4 Samsung semiconductor
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA42602.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers 1 2 3 4 5 MoreSanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl