Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4Z32-BR00SH1TR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M4Z32-BR00SH1TR
Description  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH1TR Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M4Z32-BR00SH1TR Datasheet HTML 3Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 4Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 5Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 10Page - STMicroelectronics M4Z32-BR00SH1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M4Z28-BR00SH, M4Z32-BR00SH
Mechanical information
7/16
2.1
Battery characteristics
Figure 3 on page 8 illustrates the lithium coin cell discharge rate for a given load. This
demonstrates the characteristically flat voltage level supplied by the battery until very near
the end of its life. These discharge levels have been greatly accelerated in comparison to
the normal, actual usage.
Note:
These batteries contain no mercury (Hg), cadmium (Cd), or lead (Pb).
2.2
UL recognition
The M4Zxx-BR00SH has been recognized by Underwriters Laboratories under their
Component Recognition Program and carries U.L. File Number E89556.
2.3
Battery life
For information on data retention life and battery storage life, please refer to the application
note AN1012.
2.4
General notes
ST has conducted experiments using a manual press which determined that if
approximately 60 pounds of force is applied to the top of the SNAPHAT®, battery damage
and/or die cracks could be induced. As Figure 2 on page 6 specifies, only an average of less
than 13 force-pounds is required for proper insertion. We recommend that no more than 40
pounds of force be applied during SNAPHAT® insertion.
If a manual press is employed, it is very important that it be calibrated such that it cannot
exceed this limit.
To remove the SNAPHAT® top for replacement, a DIP/IC extractor tool should be used (see
Figure 4). The SNAPHAT top should be grabbed by the narrow end to avoid bending the
pins.
Caution:
To avoid draining battery do NOT place SNAPHAT pins into conductive foam.
Caution:
To avoid damaging SNAPHAT sockets do NOT wave solder SOIC.


Numéro de pièce similaire - M4Z32-BR00SH1TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M4Z32-BR00SH1TR STMICROELECTRONICS-M4Z32-BR00SH1TR Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
More results

Description similaire - M4Z32-BR00SH1TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com