Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4261 Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA4261
Description  3.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4261 Fiches technique(HTML) 8 Page - Sanyo Semicon Device

  LA4261 Datasheet HTML 1Page - Sanyo Semicon Device LA4261 Datasheet HTML 2Page - Sanyo Semicon Device LA4261 Datasheet HTML 3Page - Sanyo Semicon Device LA4261 Datasheet HTML 4Page - Sanyo Semicon Device LA4261 Datasheet HTML 5Page - Sanyo Semicon Device LA4261 Datasheet HTML 6Page - Sanyo Semicon Device LA4261 Datasheet HTML 7Page - Sanyo Semicon Device LA4261 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of February 1997. Specifications and information herein are subject to change without notice.
Pop noise waveform
Middle point rise
waveform
Pop Noise Waveform at The Time of Power Switch OFF
(VCC =16V,RL =8 Ω, quiescent)
Pop noise waveform
Middle point fall
waveform
Pop Noise Waveform at The Time of Power Switch ON
(VCC =16V,RL =8 Ω, quiescent)
f = 1 kHz Clip waveform
(VCC =16V,RL =8 Ω, THD = 5%)
f = 10 kHz Clip waveform
(VCC =16V,RL =8 Ω, THD = 5%)
LA4261
No.1321-8/8


Numéro de pièce similaire - LA4261

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4261 SANYO-LA4261 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results

Description similaire - LA4261

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
243Kb / 8P
   2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com