Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4183 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA4183
Description  2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4183 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA4183 Datasheet HTML 1Page - Sanyo Semicon Device LA4183 Datasheet HTML 2Page - Sanyo Semicon Device LA4183 Datasheet HTML 3Page - Sanyo Semicon Device LA4183 Datasheet HTML 4Page - Sanyo Semicon Device LA4183 Datasheet HTML 5Page - Sanyo Semicon Device LA4183 Datasheet HTML 6Page - Sanyo Semicon Device LA4183 Datasheet HTML 7Page - Sanyo Semicon Device LA4183 Datasheet HTML 8Page - Sanyo Semicon Device LA4183 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2.3 W 2-Channel AF Power Amplifier for Radio
Cassette Players
Features
.
Built-in 2 channels enabling use in stereo and bridge
amplifier (BTL) applications.
.
High-output:
2.3 W typ./channel, VCC =9 V, RL =4 Ω
4.7 W typ./bridge amplifier, VCC =9 V, RL =8 Ω
.
Low switching distortion at high frequencies.
.
Minimum number of external parts required: 9 pcs. min.
(Stereo/bridge).
.
Small shock noise at the time of power supply ON/OFF due
to built-in muting circuit.
.
Good ripple rejection due to built-in ripple filter.
.
Soft tone at the time of output saturation.
.
Good channel separation.
.
Voltage gain fixed at 45 dB (Bridge: 51 dB).
Variable voltage gain available with external resistor added.
Package Dimensions
unit : mm
3022A-DIP12F
[LA4183]
SANYO : DIP12F
Note:
In general applications, heat generated in the DIP 12-pin
package can be radiated through the Cu-foiled area of the
printed circuit board, but since power dissipation Pd may be
increased depending on the supply voltage and load conditions,
it is recommended to use a fin additionally.
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With signal
11
V
Quiescent
15
V
Allowable power dissipation
Pd max
With printed circuit board
(Refer to Pd – Ta characteristics)
4W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9.0
V
Load resistance
RL
Stereo
4.0 to 8.0
Bridge
8.0
Ordering number: EN887B
Monolithic Linear IC
LA4183
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53096HA(II)/O0207TA/2022KI,TS,ID No.887-1/11


Numéro de pièce similaire - LA4183

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
56Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results

Description similaire - LA4183

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
logo
Rohm
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
logo
Sanyo Semicon Device
LA4555 SANYO-LA4555 Datasheet
345Kb / 10P
   2-Channel AF Power Amplifier for Radio, Tape Recorder Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com