Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54DCSM Fiches technique(PDF) 1 Page - Seme LAB

No de pièce BAT54DCSM
Description  DUAL SCHOTTKY DIODES IN HERMETIC CERAMIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BAT54DCSM Fiches technique(HTML) 1 Page - Seme LAB

  BAT54DCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAT54DCSM
Document Number 3550
Issue 1
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
30V
200mA
600mA
200mW
2.0mW/°C
–55 to +125°C
–65 to +175°C
VR
Reverse Voltage
IF
Forward Current (Each Diode)
IFM
Peak Forward Current (Each Diode)
PD
Power Dissipation (Each Diode)
Derate @ TAMB >25°C
TJ
Maximum Operating Junction Temperature
TSTG
Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (T
AMB = 25°C unless otherwise stated)
MECHANICAL DATA
Dimensions in mm (inches)
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
DUAL SCHOTTKY DIODES IN
HERMETIC CERAMIC
SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY
APPLICATIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
Reverse Current
VF
Forward Voltage
C
Capacitance
trr
Reverse Recovery Time
VR = 25V
VR = 25V
TA = 85°C
IF = 1mA
IF = 10mA
IF = 30mA
VR = 1V
f = 1MHz
IF = 100mA to IR = 10mA
RL = 100Ω
2
100
0.32
0.40
0.50
10
5
µA
V
pF
ns
ELECTRICAL CHARACTERISTICS (T
AMB = 25°C unless otherwise stated)
LCC2 PACKAGE (MO-041BB)
PAD 1 — Cathode 1 PAD 2 — N/C
PAD 3 — N/C
Underside View
PAD 4 — Cathode 2 PAD 5 — Anode 2
PAD 6 — Anode 1


Numéro de pièce similaire - BAT54DCSM

FabricantNo de pièceFiches techniqueDescription
logo
SMC Diode Solutions Co....
BAT54DF SMCDIODE-BAT54DF Datasheet
493Kb / 4P
   BAT54DF SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAT54DTB6 PANJIT-BAT54DTB6 Datasheet
99Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
SHIKUES Electronics
BAT54DW SKTECHNOLGY-BAT54DW Datasheet
1Mb / 4P
   Plastic-Encapsulate Diode s
logo
Rectron Semiconductor
BAT54DW RECTRON-BAT54DW Datasheet
156Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
2021-04/01 REV: O
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
More results

Description similaire - BAT54DCSM

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CDC7630 SKYWORKS-CDC7630 Datasheet
776Kb / 8P
   Zero Bias Silicon Schottky Barrier Detector Diodes in Hermetic Ceramic Packages
April 18, 2017
logo
Seme LAB
SML09GB22U2C SEME-LAB-SML09GB22U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODES IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Skyworks Solutions Inc.
DME SKYWORKS-DME Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Seme LAB
DSS25D-0045-T258 SEME-LAB-DSS25D-0045-T258 Datasheet
12Kb / 1P
   DUAL SCHOTTKY BARRIER DIODE IN A HERMETIC TO258 PACKAGE
logo
List of Unclassifed Man...
BYS40-40T ETC1-BYS40-40T Datasheet
82Kb / 1P
   SCHOTTKY-DUAL DIODES
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Skyworks Solutions Inc.
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
logo
List of Unclassifed Man...
OM4206 ETC-OM4206 Datasheet
18Kb / 2P
   HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
logo
Seme LAB
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com