Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1000G-KP Fiches technique(PDF) 1 Page - Seme LAB

No de pièce SMP1000G-KP
Description  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP1000G-KP Fiches technique(HTML) 1 Page - Seme LAB

  SMP1000G-KP Datasheet HTML 1Page - Seme LAB SMP1000G-KP Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMP1000G-KP
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP1000G-KP is a large Silicon P.I.N. photodiode
incorporated in a hermetic metal can package. The
electrical terminations are via two leads of diameter 0.018"
on a pitch centre diameter of 0.2". The photodiode is
electrically isolated from the package, which has a
separate earth lead.
The larger photodiode active area provides greater
sensitivity than the SMP900 range of devices, with a
corresponding reduction in speed. The photodiode
structure has been optimised for high sensitivity, light
measurement applications. The metal can, isolated
photodiode and optional screening mesh ensure a rugged
device with a high degree of immunity to conducted and
radiated electrical interference.
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HIGH SENSITIVITY
• PHOTODIODE ISOLATED FROM PACKAGE
• EXCELLENT LINEARITY
• LOW NOISE
• WIDE SPECTRAL RESPONSE
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO8 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
1
3
2
Ø 15.25
Ø 14.0
Ø 0.45
LEAD
10.16
TO-8
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 – Case


Numéro de pièce similaire - SMP1000G-KP

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
SMP1000G-JQ SEME-LAB-SMP1000G-JQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
More results

Description similaire - SMP1000G-KP

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com