Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5058 Fiches technique(PDF) 2 Page - Seme LAB

No de pièce 2N5058
Description  NPN EPITAXIAL PLANAR BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5058 Fiches technique(HTML) 2 Page - Seme LAB

  2N5058 Datasheet HTML 1Page - Seme LAB 2N5058 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
2N5058
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ft
Transistion Frequency 1
Cob
Output Capacitance
Cib
Input Capacitance
30
160
10
75
VCE = 25V
IC = 10mA
f = 20MHz
VCB = 10V
IE = 0
f = 1MHz
VBE = 0.5V
IC = 0
f = 1MHz
MHz
pF
SMALL SIGNAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
300
300
7.0
0.05
20
10
1.0
0.85
0.82
10
35
150
10
35
IC = 30mA
IB = 0
IC = 100µAIE = 0
IE = 100µAIC = 0
VCB = 100V
IE = 0
TA = +125°C
VBE = 5V
IC = 0
IC = 30mA
IB = 3mA
IC = 30mA
IB = 3mA
IC = 30mA
VCE = 25V
IC = 5mA
VCE = 25V
IC = 30mA
VCE = 25V
TA = -55°C
IC = 100mA
VCE = 25V
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
VBE(on)*
Base – Emitter On Voltage
hFE*
DC Current Gain
V
µA
nA
V
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
* Pulse Test: tp ≤ 300ms, d ≤ 2%.
1) ft is defined as the frequency at which |hfe| extrapolates to untity.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Min.
Typ.
Max.
Unit
RθJC
Thermal Resistance Junction To Case
RθJA
Thermal Resistance Junction To Ambient
30
150
°C / W
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Document Number 5530
Issue 1


Numéro de pièce similaire - 2N5058

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N5058 CENTRAL-2N5058 Datasheet
81Kb / 2P
   NPN SILICON TRANSISTOR
2N5058 CENTRAL-2N5058 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5058 ETC-2N5058 Datasheet
347Kb / 8P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N5058 NJSEMI-2N5058 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
More results

Description similaire - 2N5058

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
2STC5949 STMICROELECTRONICS-2STC5949 Datasheet
144Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2ST5949_0807 STMICROELECTRONICS-2ST5949_0807 Datasheet
145Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4468 STMICROELECTRONICS-2STW4468 Datasheet
190Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STC5948 STMICROELECTRONICS-2STC5948 Datasheet
160Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2ST5949 STMICROELECTRONICS-2ST5949 Datasheet
144Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4468 STMICROELECTRONICS-2STW4468_08 Datasheet
163Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STW4466 STMICROELECTRONICS-2STW4466 Datasheet
224Kb / 10P
   High power NPN epitaxial planar bipolar transistor
2SC5200 STMICROELECTRONICS-2SC5200 Datasheet
157Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4466 STMICROELECTRONICS-2STW4466_08 Datasheet
164Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STC5948_0807 STMICROELECTRONICS-2STC5948_0807 Datasheet
160Kb / 8P
   High power NPN epitaxial planar bipolar transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com