Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4272 Fiches technique(PDF) 1 Page - Seme LAB

No de pièce 2N4272
Description  BIPOLAR NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4272 Fiches technique(HTML) 1 Page - Seme LAB

  2N4272 Datasheet HTML 1Page - Seme LAB 2N4272 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4272
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5630
Issue 1
BIPOLAR NPN
SILICON TRANSISTOR
FEATURES
• GENERAL PURPOSE NPN TRANSISTOR
• HERMETICALLY SEALED METAL PACKAGE
• JAN LEVEL SCREENING OPTIONS
• CECC LEVEL SCREENING OPTIONS
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
Ptot
Power Dissipation
RθJC
Thermal Resistance Junction to Case
TJ,Tstg
Operating and Storage Temperature
180V
140V
6V
2.5A
10W
15°C/W
–55 to 175°C
MECHANICAL DATA
Dimensions in mm (inches)
TO-39 (TO-205AD) METAL PACKAGE)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PAD 3 – Collector
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Numéro de pièce similaire - 2N4272

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N4272 CENTRAL-2N4272 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4272 NJSEMI-2N4272 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
logo
Seme LAB
2N4272A SEME-LAB-2N4272A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
More results

Description similaire - 2N4272

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
   NPN SILICON BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
   NPN SILICON BIPOLAR TRANSISTOR
logo
TT Electronics.
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
   SILICON NPN BIPOLAR TRANSISTOR
logo
List of Unclassifed Man...
D13009 ETC-D13009 Datasheet
453Kb / 1P
   NPN Silicon Bipolar Transistor
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Seme LAB
2N4269S SEME-LAB-2N4269S Datasheet
23Kb / 2P
   BIPOLAR NPN SILICON TRANSISTOR
logo
Hitachi Semiconductor
2SC4992 HITACHI-2SC4992 Datasheet
43Kb / 6P
   Silicon NPN Bipolar Transistor
logo
Seme LAB
BFY77 SEME-LAB-BFY77_10 Datasheet
208Kb / 2P
   BIPOLAR NPN SILICON TRANSISTOR
logo
TT Electronics.
2N1711 TTELEC-2N1711 Datasheet
720Kb / 3P
   SILICON PLANAR NPN BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
   NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com