Moteur de recherche de fiches techniques de composants électroniques |
|
IRLML6402GPBF Fiches technique(PDF) 8 Page - International Rectifier |
|
IRLML6402GPBF Fiches technique(HTML) 8 Page - International Rectifier |
8 / 8 page IRLML6402GPbF 8 www.irf.com Data and specifications subject to change without notice. Micro3™ Tape & Reel Information Dimensions are shown in millimeters (inches) 2.05 ( .080 ) 1.95 ( .077 ) TR FEED DIRECTION 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) MAX. NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. Note: For the most current drawing please refer to IR website at http://www.irf.com/package IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/2008 |
Numéro de pièce similaire - IRLML6402GPBF |
|
Description similaire - IRLML6402GPBF |