Moteur de recherche de fiches techniques de composants électroniques |
|
LA1787M Fiches technique(PDF) 10 Page - Sanyo Semicon Device |
|
LA1787M Fiches technique(HTML) 10 Page - Sanyo Semicon Device |
10 / 54 page No. 6655-10/54 LA1787M Pin No. Function Description Equivalent circuit 23 + – + – + – 4.9V 50k Ω 150 Ω 50F 1.3V 10k Ω 51k Ω STOP IF BUFF. Forced SD: 2.5V SEEK 5V SD SW VCC AM MUTE IF counter buffer A13568 32 24 10k Ω 10k Ω VCC AM/FM SW FM S-meter AM S-meter Outputs a 1-mA current during AM reception AM/FM SW MRC A13569 26 100k Ω VDD AM/FM SD Stereo indicator Seek/stop switching A13570 Continued from preceding page. Continued on next page. This pin functions both as the IF counter buffer (AC output) and as the seek/stop switch pin. The voltage V23 switches between the following three modes. 23 IF counter buffer seek/stop During FM reception: switching 5 V: Seek mode 2.5 V: Forced SD mode 0 V: Reception mode AM reception (two modes: 0 and 5 V) 5 V: Seek mode 0 V: Reception mode 24 AM/FM signal meter Fixed-current drive signal meter output In AM mode, pin 32 outputs a 32 Dedicated FM signal meter 1-mA current. Thus the HCC circuit is turned off. The voltage V23 switches between three modes as follows. FM reception: 5 V: The SD pin operates linked to the IF counter buffer. 26 Stereo indicator for the SD pin 2.5 V: Forced SD mode: operates as the SD pin. 0.7 V: Reception mode: stereo indicator AM reception: (two modes: 0 and 5 V) 5 V: Operates as the seek SD pin. 0 V: Reception mode. Not used. |
Numéro de pièce similaire - LA1787M |
|
Description similaire - LA1787M |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |