Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1784M Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA1784M
Description  Single-Chip Tuner IC for Car Radios
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1784M Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA1784M Datasheet HTML 6Page - Sanyo Semicon Device LA1784M Datasheet HTML 7Page - Sanyo Semicon Device LA1784M Datasheet HTML 8Page - Sanyo Semicon Device LA1784M Datasheet HTML 9Page - Sanyo Semicon Device LA1784M Datasheet HTML 10Page - Sanyo Semicon Device LA1784M Datasheet HTML 11Page - Sanyo Semicon Device LA1784M Datasheet HTML 12Page - Sanyo Semicon Device LA1784M Datasheet HTML 13Page - Sanyo Semicon Device LA1784M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
No. 6039-10/50
LA1784M
Pin No.
Function
Description
Equivalent circuit
23
+
+
+
4.9 V
50 k
150
50F
1.3 V
10 k
51 k
STOP
IF
BUFF.
Forced
SD: 2.5 V
SEEK
5 V
SD circuit
SW
VCC
AM MUTE
IF counter
buffer
A11724
32
24
10 k
10 k
VCC
FM
S-meter
AM
S-meter
AM/FM
SW
AM/FM
SW
MRC
Outputs a 1-mA
current during AM
reception
A11725
26
100 k
VDD
AM/FM
SD
Stereo
indicator
Seek/stop
switching
A11726
Continued from preceding page.
Continued on next page.
This pin functions both as the IF
counter buffer (AC output) and as
the seek/stop switch pin.
The voltage V23 switches
between the following three
modes.
23
IF counter buffer seek/stop
During FM reception:
switching
5 V:
Seek mode
2.5 V: Forced SD mode
0 V:
Reception mode
AM reception
(two modes: 0 and 5 V)
5 V:
Seek mode
0 V:
Reception mode
24
AM/FM signal meter
Fixed-current drive signal meter
output
In AM mode, pin 32 outputs a
32
Dedicated FM signal meter
1-mA current. Thus the HCC
circuit is turned off.
The voltage V23 switches
between three modes as follows.
FM reception:
5 V:
The SD pin operates linked
to the IF counter buffer.
26
Stereo indicator for the SD pin
2.5 V: Forced SD mode: operates
as the SD pin.
0.7 V: Reception mode: stereo
indicator
AM reception: (two modes: 0 and 5 V)
5 V:
Operates as the seek SD pin.
0 V:
Reception mode. Not used.


Numéro de pièce similaire - LA1784M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1780 SANYO-LA1780 Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
More results

Description similaire - LA1784M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com