Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA17000M Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA17000M
Description  Tuner System IC with Built-in PLL for Car Audio Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA17000M Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA17000M Datasheet HTML 6Page - Sanyo Semicon Device LA17000M Datasheet HTML 7Page - Sanyo Semicon Device LA17000M Datasheet HTML 8Page - Sanyo Semicon Device LA17000M Datasheet HTML 9Page - Sanyo Semicon Device LA17000M Datasheet HTML 10Page - Sanyo Semicon Device LA17000M Datasheet HTML 11Page - Sanyo Semicon Device LA17000M Datasheet HTML 12Page - Sanyo Semicon Device LA17000M Datasheet HTML 13Page - Sanyo Semicon Device LA17000M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LA17000M
No. 6522-10/54
Additional Settings (Added to the LC72144M)
Output (DI)
Mode
Settings
When set
Seek mode
For seek
Tuner mode switch
Reception mode
For seek-stop and for receiving
RDS mode
For AF search
Lo mode
When setting Lo mode
Lo/Dx switch
Dx mode
When setting Dx mode
Mute ON
For tuning processing
Hard mute *1
Mute OFF
When switching reception mode
DI data IN2
I/O-0 = 1 (output port)
OUT0 = 1 (Hi)
DI data IN2
I/O-0 = 1 (output port)
OUT0 = 0 (Lo)
DI data IN2
I/O-0 = 0 (input port)
OUT0 = 1 (OPEN)
DI data IN2
I/O-2 = 0 (output port)
OUT2 = 0 (Lo)
DI data IN2
I/O-2 = 1 (output port)
OUT2 = 1 (Hi)
DI data IN2
I/O-0 = 1 (output port)
OUT1 = 1 (Hi)
DI data IN2
I/O-0 = 1 (output port)
OUT1 = 1 (Lo)
Note: *1. Depends on the I/O ports usage.
Input (DO)
DO data
Conditions
When the tuner mode is set to
reception mode
*2
Sensor
When the tuner mode is set to seek or
RDS mode
*2
MRC output
Start AD conversion and then read
after conversion is completed.
3.3 V at 6-bit resolution
OUT data I3 = 1 (Hi)
Monaural state
OUT data I3 = 0 (Lo)
Stereo state
OUT data I3 = 1 (Hi)
SD ON
OUT data I3 = 0 (Lo)
SD OFF
OUT data ADC0
AD00 to AD05
6 bit
Monaural/stereo
SD
Note: *2. I/O-3 = 0 (input port) and OUT3 = 1 (Hi) must already be set in the DI data (IN2) settings.
Other settings
In the LA17000
Setting
When set
For normal operation
CF switch
Pin 10
When there is interference from
adjacent frequencies
Soft mute (AUDIO mute)
Pin 49
Hi: Forced mute
When setting mute
Lo: Mute off
When cancelling mute
AM/FM switch
Pin 6
Lo: AM
For AM reception
Hi: FM
For FM reception
Hi: Wide (wideband setting)
Lo: Narrow (narrowband
setting)


Numéro de pièce similaire - LA17000M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
LA17 MACOM-LA17 Datasheet
436Kb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
LA17 MA-COM-LA17 Datasheet
1Mb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
LIGITEK electronics co....
LA171B-3G-PF LIGITEK-LA171B-3G-PF Datasheet
108Kb / 6P
   LED ARRAY
LA171B-GGH-PF LIGITEK-LA171B-GGH-PF Datasheet
126Kb / 7P
   LED ARRAY
More results

Description similaire - LA17000M

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
   Car Radio FM/AM tuner IC built-in PLL synthesizer
logo
Sanyo Semicon Device
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com