Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1060 Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA1060
Description  Antenna Switching Diversity Circuit for Car-Use FM Tuners
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1060 Fiches technique(HTML) 8 Page - Sanyo Semicon Device

  LA1060 Datasheet HTML 1Page - Sanyo Semicon Device LA1060 Datasheet HTML 2Page - Sanyo Semicon Device LA1060 Datasheet HTML 3Page - Sanyo Semicon Device LA1060 Datasheet HTML 4Page - Sanyo Semicon Device LA1060 Datasheet HTML 5Page - Sanyo Semicon Device LA1060 Datasheet HTML 6Page - Sanyo Semicon Device LA1060 Datasheet HTML 7Page - Sanyo Semicon Device LA1060 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LA1060
No.2650-8/8
Note for Application
1. Noise sensitivity setting
When the LA1060 is used in conjunction with the LA2110, it is unnecessary to adjust the sensitivity. However, if any
malfunction occurs, increase the noise sensitivity control VR form 0
Ω to 50kΩ—100kΩ to decrease the input noise
level.
2. Gate time setting
The recommended gate time is 120µs. If any malfunction occurs, shorten the gate time, and less malfunction will
result. If the gate time is made longer, the multipath distortion detection sensitivity is increased. The gate time can be
set by varying the value of the capacitor or resistor connected to pin 4.
3. Antenna holding function
a. To hold the antenna at the weak input signal mode, set the value of the resistor connected to pin 6 to approximately
300k
Ω. In this case, the pin 8 output is brought to High level. The antenna input level at which the antenna is held
can be adjusted by varying the value (300k
Ω) of the resistor.
b. To switch the antenna even at the weak input signal mode, set the value of the resistor connected to pin 6 to
approximately 10k
Ω.
4. Forced antenna holding
Set the pin 6 voltage to 2.5V or greater (example : connect to VCC through 10kΩ), and the antenna can be held on the
pin 8 side,
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property lose.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of August, 1997. Specifications and information herein are subject to
change without notice.
Tuner input – dBµ


Numéro de pièce similaire - LA1060

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1061 SANYO-LA1061 Datasheet
272Kb / 8P
   Antenna Switching Controller
LA1061M SANYO-LA1061M Datasheet
272Kb / 8P
   Antenna Switching Controller
LA1065M SANYO-LA1065M Datasheet
118Kb / 8P
   2 Tuner Diversity Circuit for Car FM Tuner
More results

Description similaire - LA1060

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1065M SANYO-LA1065M Datasheet
118Kb / 8P
   2 Tuner Diversity Circuit for Car FM Tuner
logo
Panasonic Semiconductor
AN7299S PANASONIC-AN7299S Datasheet
42Kb / 4P
   Antenna diversity IC for car TV
logo
Sanyo Semicon Device
LA3460M SANYO-LA3460M Datasheet
195Kb / 12P
   FM NC MPX Demodulator for Car Stereo Tuners
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
logo
KEC(Korea Electronics)
KIA2039FN KEC-KIA2039FN Datasheet
319Kb / 14P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM ANTENNA DIVERSITY IC)
logo
NXP Semiconductors
TEA6101 PHILIPS-TEA6101 Datasheet
82Kb / 13P
   Antenna diversity circuit
May 1992
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com