Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G97GM Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AUP1G97GM
Description  Low-power configurable multiple function gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G97GM Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G97GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G97GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74AUP1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 10 January 2011
9 of 22
NXP Semiconductors
74AUP1G97
Low-power configurable multiple function gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
CL = 30 pF
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 0.8 V
-
38.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.6
10.5
20.9
4.0
21.8
22.2
ns
VCC = 1.4 V to 1.6 V
3.7
7.4
12.2
3.8
13.3
14.0
ns
VCC = 1.65 V to 1.95 V
3.5
6.3
9.9
3.2
11.1
11.8
ns
VCC = 2.3 V to 2.7 V
3.4
5.3
7.4
3.1
8.3
8.8
ns
VCC = 3.0 V to 3.6 V
3.2
4.9
6.6
2.8
7.0
7.4
ns
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
2.6
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.8
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.9
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.1
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.7
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.3
-
-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP1G97GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G97GM PHILIPS-74AUP1G97GM Datasheet
97Kb / 19P
   Low-power configurable multiple function gate
Rev. 01-7 November 2006
74AUP1G97GM NXP-74AUP1G97GM Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AUP1G97GM NEXPERIA-74AUP1G97GM Datasheet
300Kb / 20P
   Low-power configurable multiple function gate
Rev. 13 - 9 May 2023
More results

Description similaire - 74AUP1G97GM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com