Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC0A Fiches technique(PDF) 10 Page - ATMEL Corporation

No de pièce DAC0A
Description  32-Bit AVR UC3 C Series Schematic Checklist
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DAC0A Fiches technique(HTML) 10 Page - ATMEL Corporation

Back Button DAC0A Datasheet HTML 6Page - ATMEL Corporation DAC0A Datasheet HTML 7Page - ATMEL Corporation DAC0A Datasheet HTML 8Page - ATMEL Corporation DAC0A Datasheet HTML 9Page - ATMEL Corporation DAC0A Datasheet HTML 10Page - ATMEL Corporation DAC0A Datasheet HTML 11Page - ATMEL Corporation DAC0A Datasheet HTML 12Page - ATMEL Corporation DAC0A Datasheet HTML 13Page - ATMEL Corporation DAC0A Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
AVR32768
32157A-AVR-12/10
Table 7-2.
ADC single-ended external voltage reference, 3.3V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 2.6V
Single-ended external voltage reference
ADCREF1
1.0V to 2.6V
Single-ended external voltage reference
Figure 7-2.
Single-ended external reference, 5V power supply mode.
ADCREF0
ADCREF1
DC/DC
converter
1.0 to 3.5 V
DC/DC
converter
1.0 to 3.5 V
Table 7-3.
ADC single-ended external voltage reference, 5V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 3.5V
Single-ended external voltage reference
ADCREF1
1.0V to 3.5V
Single-ended external voltage reference
7.2.2 ADC differential external reference pins (ADCVREFP/ADCVREFN)
In order to use the internal 1V bandgap reference, the ADCVREFP and ADCVREFN
pins must be used with decoupling capacitors (see Figure 7-3 and Table 7-5 for
typical values).
If the internal voltage reference is unused, ADCVREFP and ADCVREFN can be used
as differential external voltage reference (see Figure 7-4 and Table 7-5).
Figure 7-3.
ADCVREFP/ADCVREFN external decoupling for use of internal bandgap
reference.
Table 7-4.
ADC differential external voltage reference, internal reference used.
Signal name
Recommended pin connection
Description
ADCVREFP
Positive differential voltage
Differential external voltage reference
ADCVREFN
Negative differential voltage
Differential external voltage reference


Numéro de pièce similaire - DAC0A

FabricantNo de pièceFiches techniqueDescription
logo
Carlo Gavazzi Holding A...
DAC01 CARLOGAVAZZI-DAC01 Datasheet
86Kb / 3P
   Timers Star Delta Types
logo
List of Unclassifed Man...
DAC01CM24 ETC2-DAC01CM24 Datasheet
69Kb / 3P
   Timers Star Delta
logo
Carlo Gavazzi Holding A...
DAC01CM24 CARLOGAVAZZI-DAC01CM24 Datasheet
86Kb / 3P
   Timers Star Delta Types
logo
List of Unclassifed Man...
DAC01CM40 ETC2-DAC01CM40 Datasheet
69Kb / 3P
   Timers Star Delta
logo
Dorji Industrial Group ...
DAC02 DORJI-DAC02 Datasheet
37Kb / 2P
   Operation Manual for USB Converter Board
More results

Description similaire - DAC0A

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
   32-bit AVR Microcontroller
ATEVK1110A ATMEL-ATEVK1110A Datasheet
252Kb / 17P
   AVR32817: Getting Started with the 32-bit AVR UC3 Software Framework lwIP TCP/IP Stack
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com