Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21009CFB825Z Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL21009CFB825Z
Description  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009CFB825Z Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL21009CFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21009CFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6327.7
September 16, 2009
Absolute Voltage Ratings
Thermal Information
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +18V
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . -0.5V to VOUT +1V
Voltage on “DNC” pins . . . . No connections permitted to these pins.
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6kV
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile (Note 4). . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. Post-reflow drift for the ISL21009 devices will range from 100µV to 1.0mV based on experimental results with devices tested in sockets and also
on FR4 multi-layer PC boards. The design engineer must take this into account when considering the reference voltage after assembly.
Common Electrical Specifications (ISL21009-12, -25, -41, -50) TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOA
VOUT Accuracy @ TA = +25°C
ISL21009B
-0.5
+0.5
mV
ISL21009C
-1.0
+1.0
mV
ISL21009D
-2.0
+2.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 5)
ISL21009B
3
ppm/°C
ISL21009C
5
ppm/°C
ISL21009D
10
ppm/°C
IIN
Supply Current
95
180
µA
ΔV
OUT / VOUT
Trim Range
±2.0
±2.5
%
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
10
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
100
µs
Ripple Rejection
f = 10kHz
60
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
4.5
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.2
µVRMS
Electrical Specifications (ISL21009-12, V
OUT = 1.250V)
VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
1.250
V
VIN
Input Voltage Range
3.5
16.5
V
ΔV
OUT/ΔVIN
Line Regulation
3.5V < VIN < 5.5V
50
150
µV/V
5.5V < VIN < 16.5V
10
50
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
50
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
100
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 6)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 7)
TA = +25°C
50
ppm
ISL21009


Numéro de pièce similaire - ISL21009CFB825Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21009CFB825Z INTERSIL-ISL21009CFB825Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009CFB825Z INTERSIL-ISL21009CFB825Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009CFB825Z RENESAS-ISL21009CFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009CFB825Z-TK INTERSIL-ISL21009CFB825Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

Description similaire - ISL21009CFB825Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com