Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54228IRTZ-T Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL54228IRTZ-T
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54228IRTZ-T Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL54228IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL54228
6
FN7628.0
July 29, 2010
Positive Supply Current, IDD VDD = 3.6V, OE = 1.4V, LP = GND
25
-
25
32
µA
Full
-
-
38
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VOEL, VLPL VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High, VOEH, VLPH VDD = 2.7V to 3.6V
Full
1.4
--
V
Input Voltage Low, VOEL, VLPL VDD = 3.7V to 4.2V
Full
-
-
0.7
V
Input Voltage High, VOEH, VLPH VDD = 3.7V to 4.2
Full
1.7
--
V
Input Voltage Low, VOEL, VLPL VDD = 4.3V to 5.25V
Full
-
-
0.8
V
Input Voltage High, VOEH, VLPH VDD = 4.3V to 5.25V
Full
2.0
--
V
Input Current, IOEL, ILPL
VDD = 5.25V, OE = 0V, LP = 0V
Full
-
-8.2
-
nA
Input Current, IOEH, ILPH
VDD = 5.25V, OE = 5.25V, LP = 5.25V,
4MΩ Pull-down
Full
-
1.4
-
µA
NOTES:
9. VLOGIC = Input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel
with lowest max rON value.
14. Limits established by characterization and are not production tested.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VLP = GND,
VOEH =1.4V, VOEL = 0.5V, (Note 9), Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(INPUT)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
Dx
COMx
50
Ω
50pF
GND
VDD
C
OE
VINPUT
ISL54228


Numéro de pièce similaire - ISL54228IRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54228IRTZ-T RENESAS-ISL54228IRTZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRTZ-T7A RENESAS-ISL54228IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
More results

Description similaire - ISL54228IRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com