Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28194FRUZ-T7 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL28194FRUZ-T7
Description  Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28194FRUZ-T7 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL28194FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28194FRUZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6236.4
October 1, 2008
FIGURE 15. ISL28194 LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 16. ISL28195 LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 17. ISL28194 ENABLE TO OUTPUT DELAY TIME
FIGURE 18. ISL28195 ENABLE to OUTPUT DELAY TIME
FIGURE 19. ISL28194 DISABLE TO OUTPUT DELAY TIME
FIGURE 20. ISL28195 DISABLE TO OUTPUT DELAY TIME
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
-3
-2
-1
0
1
2
3
-2.0 -10
0
10
20
30
40
50
60
70
80
LARGE SIGNAL
TIME (ms)
V+, V- = ±2.5V
RL = 10k
AV = +1
-3
-2
-1
0
1
2
3
-8
-6
-4
-2
0
2
4
LARGE SIGNAL
TIME (ms)
V+, V- = ±2.5V
RL = 10k
AV = +1
0
1
2
3
4
5
6
-4
-2
0246
8
10
EN PIN
TIME (ms)
V+ = 5V
RL = 10k
AV = +1
OUTPUT
VIN = 3.5V
-0.5
0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
TIME (ms)
EN PIN
OUTPUT
V+ = 5V
RL = 10k
AV = +1
VIN = 3.5V
0
1
2
3
4
5
6
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (µs)
EN PIN
V+ = 5V
RL = 10k
AV = +1
OUTPUT
VIN = 3.5V
-0.5
0
0.5
1.0
1.5
2.0
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
TIME (µs)
EN PIN
V+ = 5V
RL = 10k
AV = +1
OUTPUT
VIN = 3.5V
ISL28194, ISL28195


Numéro de pièce similaire - ISL28194FRUZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28194FRUZ-T7 INTERSIL-ISL28194FRUZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194FRUZ-T7 RENESAS-ISL28194FRUZ-T7 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
More results

Description similaire - ISL28194FRUZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com