Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1014 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI1014
Description  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1014 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI1014 Datasheet HTML 6Page - Silicon Laboratories SI1014 Datasheet HTML 7Page - Silicon Laboratories SI1014 Datasheet HTML 8Page - Silicon Laboratories SI1014 Datasheet HTML 9Page - Silicon Laboratories SI1014 Datasheet HTML 10Page - Silicon Laboratories SI1014 Datasheet HTML 11Page - Silicon Laboratories SI1014 Datasheet HTML 12Page - Silicon Laboratories SI1014 Datasheet HTML 13Page - Silicon Laboratories SI1014 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 384 page
background image
Si1010/1/2/3/4/5
10
Rev. 1.0
List of Figures
Figure 1.1. Si1010 Block Diagram ........................................................................... 21
Figure 1.2. Si1011 Block Diagram ........................................................................... 21
Figure 1.3. Si1012 Block Diagram ........................................................................... 22
Figure 1.4. Si1013 Block Diagram ........................................................................... 22
Figure 1.5. Si1014 Block Diagram ........................................................................... 23
Figure 1.6. Si1015 Block Diagram ........................................................................... 23
Figure 1.7. Si1012/3 RX/TX Direct-tie Application Example .................................... 24
Figure 1.8. Si1010/1 Antenna Diversity Application Example ................................. 24
Figure 1.9. Port I/O Functional Block Diagram ........................................................ 26
Figure 1.10. PCA Block Diagram ............................................................................. 27
Figure 1.11. ADC0 Functional Block Diagram ......................................................... 28
Figure 1.12. ADC0 Multiplexer Block Diagram ........................................................ 29
Figure 1.13. Comparator 0 Functional Block Diagram ............................................ 30
Figure 1.14. Comparator 1 Functional Block Diagram ............................................ 30
Figure 3.1. Si1010/1/2/3 Pinout Diagram (Top View) .............................................. 36
Figure 3.2. Si1004/5 Pinout Diagram (Top View) .................................................... 37
Figure 3.3. QFN-42 Package Drawing .................................................................... 38
Figure 3.4. Typical QFN-42 Landing Diagram ......................................................... 40
Figure 3.5. VIA Placement and Keepout Region ..................................................... 41
Figure 3.6. Typical PCB Stencil Diagram ................................................................ 42
Figure 4.1. Active Mode Current (External CMOS Clock) ....................................... 49
Figure 4.2. Idle Mode Current (External CMOS Clock) ........................................... 50
Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V) .. 51
Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) .. 52
Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V) ... 53
Figure 4.6. Typical One-Cell Suspend Mode Current .............................................. 54
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................ 56
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................ 57
Figure 4.9. Typical VOL Curves, 1.8–3.6 V ............................................................. 58
Figure 4.10. Typical VOL Curves, 0.9–1.8 V ........................................................... 59
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 77
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0) ... 80
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 81
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 82
Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data .. 93
Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data ..... 93
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 94
Figure 5.8. Temperature Sensor Transfer Function ................................................ 96
Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) .... 97
Figure 5.10. Voltage Reference Functional Block Diagram ..................................... 99
Figure 7.1. Comparator 0 Functional Block Diagram ............................................ 104
Figure 7.2. Comparator 1 Functional Block Diagram ............................................ 105
Figure 7.3. Comparator Hysteresis Plot ................................................................ 106


Numéro de pièce similaire - SI1014

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI1014 ETC2-SI1014 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
More results

Description similaire - SI1014

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1062-A-GM SILABS-SI1062-A-GM Datasheet
10Mb / 358P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F531A SILABS-C8051F531A Datasheet
92Kb / 1P
   25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
logo
Core Technology (Shenzh...
CSU8RP3425 CHIPSEA-CSU8RP3425 Datasheet
1Mb / 96P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3218 CHIPSEA-CSU8RP3218 Datasheet
3Mb / 130P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3427 CHIPSEA-CSU8RP3427 Datasheet
1Mb / 100P
   12 - bit ADC 8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com