Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF10N50CF Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQPF10N50CF
Description  500V N-Channel MOSFET Improved dv/dt capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF10N50CF Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQPF10N50CF Datasheet HTML 1Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 2Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 3Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 4Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 5Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 6Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 7Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 8Page - Fairchild Semiconductor FQPF10N50CF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FQP10N50CF / FQPF10N50CF Rev. A
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FQP10N50CF
Figure 11-2. Transient Thermal Response Curve for FQPF10N50CF
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
?JC
(t) = 0.87
0C/W
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z?JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
?JC
(t) = 2.58
0C/W
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z?JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t1
PDM
t2


Numéro de pièce similaire - FQPF10N50CF

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQPF10N50CF ISC-FQPF10N50CF Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQPF10N50CF

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LN7462DT1WG LRC-LN7462DT1WG Datasheet
574Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7460DT1WG LRC-LN7460DT1WG Datasheet
606Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7462ADT1WG LRC-LN7462ADT1WG Datasheet
678Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7612HDT1WG LRC-LN7612HDT1WG Datasheet
617Kb / 5P
   100V N-Channel MOSFET Improved dv/dt capability
LNB8512DT0AG LRC-LNB8512DT0AG Datasheet
577Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
S-LN7462ADT1WG LRC-S-LN7462ADT1WG Datasheet
494Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LNB8462DT0AG LRC-LNB8462DT0AG Datasheet
538Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7464DT1WG LRC-LN7464DT1WG Datasheet
711Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7612DT1WG LRC-LN7612DT1WG Datasheet
640Kb / 5P
   100V N-Channel MOSFET Improved dv/dt capability
logo
Fairchild Semiconductor
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com