Moteur de recherche de fiches techniques de composants électroniques |
|
KMPC8568EVTAUGGA Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
KMPC8568EVTAUGGA Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 139 page MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 2 Freescale Semiconductor MPC8568E Overview 1 MPC8568E Overview This section provides a high-level overview of MPC8568E features. Figure 1 shows the major functional units within the MPC8568E. Figure 1. MPC8568E Block Diagram Core Complex x4/x2/x1 PCI Express 4x/1x RapidIO and/or 66 MHz PCI 32-bit 10/100/1Gb MII, GMII, TBI, RTBI, RGMII, Serial IRQs SDRAM DDR Flash SDRAM Bus I2C I2C Controller eTSEC 32-bit PCI Bus Interface e500 Coherency Module DDR/DDR2/ Memory Controller Local Bus Controller Programmable Interrupt Controller (PIC) DUART e500 Core 512-Kbyte L2 Cache/ SRAM 32-Kbyte L1 Instruction Cache 32-Kbyte L1 Data Cache OceaN Switch Fabric Serial RapidIO and/or PCI Express 4-Channel DMA Controller RMII MPC8568 Security Engine XOR Engine I2C I2C Controller Table Lookup Unit Baud Rate Generators Multi-User RAM Parallel I/O Accelerators Dual 32-bit RISC CP Serial DMA & 2 Virtual DMAs Serial Interface QUICC Engine™ Time Slot Assigner 3 GMII/ 2 RGMII/TBI/RTBI 8 MII/ RMII 8 TDM Ports 2 UL2/POS 10/100/1Gb MII, GMII, TBI, RTBI, RGMII, eTSEC RMII ZBT RAM or x8 PCI Express |
Numéro de pièce similaire - KMPC8568EVTAUGGA |
|
Description similaire - KMPC8568EVTAUGGA |