Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7810-02 Fiches technique(PDF) 4 Page - Hamamatsu Corporation

No de pièce L7810-02
Description  Light level control of light source Sensitivity control of optical sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7810-02 Fiches technique(HTML) 4 Page - Hamamatsu Corporation

  L7810-02 Datasheet HTML 1Page - Hamamatsu Corporation L7810-02 Datasheet HTML 2Page - Hamamatsu Corporation L7810-02 Datasheet HTML 3Page - Hamamatsu Corporation L7810-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TLSO1054E04
OCT. 2009 IP
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2009 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
DIMENSIONAL OUTLINES (Unit: mm)
LAMP HOUSING
L7820, L7820-02 (Deuterium Lamp)
TLSOA0072ED
TLSOA0091EB
WARRANTY
POWER SUPPLY
This device is guaranteed for one year after delivery date from us. The warranty extends only to replacement of the products.
The warranty dose not cover damage due to misuse of natural calamity.
100
COOLING FAN
50
5
100
78
39
FRONT VIEW
BOTTOM VIEW
SIDE VIEW
4-M4
Plastic feet attached as standard features.
These can be removed to use their holes
for installation of lamp housing.
OUTPUT
WINDOW
25
CONNECTOR *
REFERRENCE
SURFACE OF
CALIBRATION
200
117
FRONT VIEW
SIDE VIEW
REAR VIEW
POWER
OUTPUT
POWER
LAMP
CALIBRATED DEUTERIUM
LIGHT SOURCE
OUTPUT
COOLING FAN
CONNECTOR *
* For cable to connect lamp housing with power supply, length: 1.8 m
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com


Numéro de pièce similaire - L7810-02

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
L7810 HAMAMATSU-L7810 Datasheet
90Kb / 2P
   Calibrated Xenon Light Source
logo
STMicroelectronics
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 52P
   Positive voltage regulators
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7810CD2T STMICROELECTRONICS-L7810CD2T Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7810CD2T-TR STMICROELECTRONICS-L7810CD2T-TR Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
More results

Description similaire - L7810-02

FabricantNo de pièceFiches techniqueDescription
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1Y MSPI-ZT028LDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3G MSPI-ZT028LDIC3G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC1R MSPI-ZT028LAIC1R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3R MSPI-ZT028LAIC3R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC2G MSPI-ZT028LDIC2G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028MDIC1Y MSPI-ZT028MDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1R MSPI-ZT028LDIC1R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com