Moteur de recherche de fiches techniques de composants électroniques |
|
DAC1208D750 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
DAC1208D750 Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 98 page DAC1208D750 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 2 — 6 December 2010 6 of 98 NXP Semiconductors DAC1208D750 2 ×, 4× or 8× interpolating DAC with JESD204A [1] P: power supply; G: ground; I: input; O: output. [2] H = heatsink (exposed die pad to be soldered to GND. A minimum of 81 thermal vias are required) 7. Limiting values 8. Thermal characteristics [1] Complies with JEDEC test board, in free air. VIN_N0 52 I serial interface lane 0 negative input VIN_P0 53 I serial interface lane 0 positive input VDDD(1V8) 54 P digital supply voltage 1.8 V VIN_P1 55 I serial interface lane 1 positive input VIN_N1 56 I serial interface lane 1 negative input VIN_N2 57 I serial interface lane 2 negative input VIN_P2 58 I serial interface lane 2 positive input VDDD(1V8) 59 P digital supply voltage 1.8 V VIN_P3 60 I serial interface lane 3 positive input VIN_N3 61 I serial interface lane 3 negative input n.c. 62 - not connected n.c. 63 - not connected JTAG 64 I JTAG test mode select (must be grounded) GND H[2] G ground Table 2. Pin description …continued Symbol Pin Type[1] Description Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDDA(3V3) analog supply voltage (3.3 V) −0.5 +4.6 V VDDA(1V8) analog supply voltage (1.8 V) −0.5 +2.5 V VDDD digital supply voltage −0.5 +2.5 V Tstg storage temperature −55 +150 °C Tamb ambient temperature −40 +85 °C Tj junction temperature −40 +125 °C Table 4. Thermal characteristics Symbol Parameter Conditions Typ Unit Rth(j-a) thermal resistance from junction to ambient [1] 18.7 K/W Rth(j-c) thermal resistance from junction to case [1] 6.7 K/W |
Numéro de pièce similaire - DAC1208D750 |
|
Description similaire - DAC1208D750 |