Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI11N60C3 Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce SPI11N60C3
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI11N60C3 Fiches technique(HTML) 7 Page - Infineon Technologies AG

Back Button SPI11N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPI11N60C3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
200
9-11-27
Rev.
3.2
Page 7
SPP11N60C3
SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
9 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
2
4
6
8
10
12
14
16
A
20
ID
0.4
0.6
0.8
1
1.2
1.4
1.6
2
4V
4.5V
5V
5.5V
6V
6.5V
8V
20V
10 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 7 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.1
SPP11N60C3
typ
98%
11 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
V
15
VGS
0
4
8
12
16
20
24
28
32
A
40
25°C
150°C
12 Typ. gate charge
VGS = f (QGate)
parameter: ID = 11 A pulsed
0
10
20
30
40
50
nC
70
QGate
0
2
4
6
8
10
12
V
16
SPP11N60C3
0,8 VDS max
DS max
V
0,2


Numéro de pièce similaire - SPI11N60C3

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SPI11N60C3 INFINEON-SPI11N60C3 Datasheet
352Kb / 14P
   Cool MOS??Power Transistor
2003-07-01
SPI11N60C3 INFINEON-SPI11N60C3 Datasheet
193Kb / 14P
   Cool MOS Power Transistor
2001-07-05
SPI11N60C3 INFINEON-SPI11N60C3 Datasheet
662Kb / 15P
   Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
logo
Inchange Semiconductor ...
SPI11N60C3 ISC-SPI11N60C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - SPI11N60C3

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com