Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT15-04R Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BAT15-04R
Description  Silicon RF Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-04R Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BAT15-04R Datasheet HTML 1Page - Infineon Technologies AG BAT15-04R Datasheet HTML 2Page - Infineon Technologies AG BAT15-04R Datasheet HTML 3Page - Infineon Technologies AG BAT15-04R Datasheet HTML 4Page - Infineon Technologies AG BAT15-04R Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2009-05-13
3
BAT15-04R*
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
1
2
V
4
VR
0
0.05
0.1
0.15
0.2
pF
0.3
Reverse current IR = ƒ(VR)
TA = Parameter
-50
-25
0
25
50
°C
100
TA
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
A
Forward Voltage VF = ƒ (TA)
IF = Parameter
-50
-25
0
25
50
°C
100
TA
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
V
0.5
100µA
1mA
10mA
Forward current IF = ƒ (VF)
TA = 25°C
0
0.2
0.4
0.6
V
1
VF
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
A


Numéro de pièce similaire - BAT15-04R

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-043 SIEMENS-BAT15-043 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043ES SIEMENS-BAT15-043ES Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043H SIEMENS-BAT15-043H Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043P SIEMENS-BAT15-043P Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Description similaire - BAT15-04R

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81 Datasheet
23Kb / 2P
   Silicon RF Switching Diodes
Aug-21-2001
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com