Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55B100 Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce BZX55B100
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX55B100 Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  BZX55B100 Datasheet HTML 1Page - EIC discrete Semiconductors BZX55B100 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX55B2V0 ~ BZX55B100
SILICON ZENER DIODES
VZ : 2.0 - 100 Volts
PD : 500 mW
FEATURES :
* Complete 2.0 to 100 Volts
* High surge current capability
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Zener Voltage tolerance is
± 2%
* Pb / RoHS Free
MECHANICAL DATA
* Case : Molded glass
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end. When operated in zener mode,
cathode will be positive with respect to anode
* Mounting position : Any
* Weight : 0.13 gram (approx.)
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Power Dissipation (Note1)
PD
500
mW
Maximum Forward Voltage at IF =100 mA
VF
1.0
V
Maximum Thermal Resistance Junction to Ambient Air (Note1)
R
θJA
300
°C/W
Junction Temperature Range
Tj
- 65 to + 200
°C
Storage Temperature Range
Ts
- 65 to + 200
°C
Note : (1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature.
Page 1 of 2
Rev. 05 : June 25, 2005
DO - 35
Dimensions in inches and ( millimeters )
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
1.00 (25.4)
min.
1.00 (25.4)
min.


Numéro de pièce similaire - BZX55B100

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BZX55B100 NJSEMI-BZX55B100 Datasheet
168Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX55B100

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com