Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C68 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors |
|
BZX55C68 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors |
2 / 2 page ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Zener Voltage Maximum Zener Maximum Reverse Temp. coefficient Admissible Type VZ @ IZT Impedance Leakage Current, IR of Zener Voltage Zener Number Nom 1) Min 2) Max 2) IZT ZZT @ IZT ZZk @ IZK IZK Ta=25 °C Ta=150°C at VR TKVZ Current (2) (V) (V) (V) (mA) ( Ω) ( Ω) (mA) ( µA) ( µA) (V) (% / K) IZM (mA) BZX55C2V0 2.0 1.9 2.1 5.0 85 600 1.0 100 200 1.0 -0.09...-0.06 175 BZX55C2V2 2.2 2.08 2.41 5.0 85 600 1.0 50 100 1.0 -0.09...-0.06 160 BZX55C2V4 2.4 2.28 2.56 5.0 85 600 1.0 50 100 1.0 -0.09...-0.06 145 BZX55C2V7 2.7 2.5 2.9 5.0 85 600 1.0 10 50 1.0 -0.09...-0.06 135 BZX55C3V0 3.0 2.8 3.2 5.0 85 600 1.0 4.0 40 1.0 -0.08...-0.05 125 BZX55C3V3 3.3 3.1 3.5 5.0 85 600 1.0 2.0 40 1.0 -0.08...-0.05 115 BZX55C3V6 3.6 3.4 3.8 5.0 85 600 1.0 2.0 40 1.0 -0.08...-0.05 105 BZX55C3V9 3.9 3.7 4.1 5.0 85 600 1.0 2.0 40 1.0 -0.08...-0.05 95 BZX55C4V3 4.3 4.0 4.6 5.0 75 600 1.0 1.0 20 1.0 -0.06...-0.03 90 BZX55C4V7 4.7 4.4 5.0 5.0 60 600 1.0 0.5 10 1.0 -0.05...+0.02 85 BZX55C5V1 5.1 4.8 5.4 5.0 35 550 1.0 0.1 2.0 1.0 -0.02...+0.02 80 BZX55C5V6 5.6 5.2 6.0 5.0 25 450 1.0 0.1 2.0 1.0 -0.05...+0.05 70 BZX55C6V2 6.2 5.8 6.6 5.0 10 200 1.0 0.1 2.0 2.0 0.03...0.06 64 BZX55C6V8 6.8 6.4 7.2 5.0 8 150 1.0 0.1 2.0 3.0 0.03...0.07 58 BZX55C7V5 7.5 7.0 7.9 5.0 7 50 1.0 0.1 2.0 5.0 0.03...0.07 53 BZX55C8V2 8.2 7.7 8.7 5.0 7 50 1.0 0.1 2.0 6.2 0.03...0.08 47 BZX55C9V1 9.1 8.5 9.6 5.0 10 50 1.0 0.1 2.0 6.8 0.03...0.09 43 BZX55C10 10 9.4 10.6 5.0 15 70 1.0 0.1 2.0 7.5 0.03...0.10 40 BZX55C11 11 10.4 11.6 5.0 20 70 1.0 0.1 2.0 8.2 0.03...0.11 36 BZX55C12 12 11.4 12.7 5.0 20 90 1.0 0.1 2.0 9.1 0.03...0.11 32 BZX55C13 13 12.4 14.1 5.0 26 110 1.0 0.1 2.0 10.0 0.03...0.11 29 BZX55C14 14 13.1 15.0 5.0 28 110 1.0 0.1 2.0 10.5 0.03...0.11 28 BZX55C15 15 13.8 15.6 5.0 30 110 1.0 0.1 2.0 11 0.03...0.11 27 BZX55C16 16 15.3 17.1 5.0 40 170 1.0 0.1 2.0 12 0.03...0.11 24 BZX55C18 18 16.8 19.1 5.0 50 170 1.0 0.1 2.0 13 0.03...0.11 21 BZX55C20 20 18.8 21.2 5.0 55 220 1.0 0.1 2.0 15 0.03...0.11 20 BZX55C22 22 20.8 23.3 5.0 55 220 1.0 0.1 2.0 16 0.04...0.12 18 BZX55C24 24 22.8 25.6 5.0 80 220 1.0 0.1 2.0 18 0.04...0.12 16 BZX55C27 27 25.1 28.9 5.0 80 220 1.0 0.1 2.0 20 0.04...0.12 14 BZX55C30 30 28 32 5.0 80 220 1.0 0.1 2.0 22 0.04...0.12 13 BZX55C33 33 31 35 5.0 80 220 1.0 0.1 2.0 24 0.04...0.12 12 BZX55C36 36 34 38 5.0 80 220 1.0 0.1 2.0 27 0.04...0.12 11 BZX55C39 39 37 41 2.5 90 500 0.5 0.1 5.0 30 0.04...0.12 10 BZX55C43 43 40 46 2.5 90 500 0.5 0.1 5.0 33 0.04...0.12 9.2 BZX55C47 47 44 50 2.5 110 600 0.5 0.1 5.0 36 0.04...0.12 8.5 BZX55C51 51 48 54 2.5 125 700 0.5 0.1 10 39 0.04...0.12 7.8 BZX55C56 56 52 60 2.5 135 700 0.5 0.1 10 43 typ. 0.1 (4) 7.0 BZX55C62 62 58 66 2.5 150 1000 0.5 0.1 10 47 typ. 0.1 (4) 6.4 BZX55C68 68 64 72 2.5 200 1000 0.5 0.1 10 51 typ. 0.1 (4) 5.9 BZX55C75 75 70 79 2.5 250 1000 0.5 0.1 10 56 typ. 0.1 (4) 5.3 BZX55C82 82 77 87 2.5 300 1500 0.25 0.1 10 62 typ. 0.1 (4) 4.8 BZX55C91 91 85 96 1.0 450 2000 0.1 0.1 10 68 typ. 0.1 (4) 4.4 BZX55C100 100 94 106 1.0 450 5000 0.1 0.1 10 75 typ. 0.1 (4) 4.0 Notes: 1) Tested with pulses tp = 20 ms 2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case 3) For ± 2% tolerance altered the sixth letter of type from "C" to be "B" (4) at Iz = 2.5 mA Page 2 of 2 Rev. 05 : June 25, 2005 |
Numéro de pièce similaire - BZX55C68 |
|
Description similaire - BZX55C68 |