Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CPH6306 Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce CPH6306
Description  Ultrahigh-Speed Switching Applications
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
31000TS (KOTO) TA-2310 No.6348-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN6348
CPH6306
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
0.05
0.95
1
23
6
5
4
2.9
0.15
0.4
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2151A
[CPH6306]
Features
· Low ON resistance.
· Ultrahigh-speed switching.
· 4V drive.
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : CPH6
Continued on next page.
Mounted on a ceramic board (900mm2
×0.8mm)
˚C
˚C
Marking : JG
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
6
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
8
.
1
–A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
12
.
7
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
6
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID=–
V
,
A
m
1
S
G
0
=0
6
–V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D =–
V
,
V
0
6
S
G
0
=0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
6
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D =–
I
,
V
0
1
D=–
A
m
10
.
1
–4
.
2
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D =–
I
,
V
0
1
D=– A
16
.
13
.
2S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID=–
V
,
A
1
S
G =–
V
0
10
0
30
0
4m
R
)
n
o
(
S
D
2ID=–
V
,
A
8
.
0
S
G =– V
40
0
40
6
5m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D =–
z
H
M
1
=
f
,
V
0
20
7
2F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D =–
z
H
M
1
=
f
,
V
0
20
7F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D =–
z
H
M
1
=
f
,
V
0
20
2F
p




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3072Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3307Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5602Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl