Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYD37J Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce BYD37J
Description  AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD37J Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  BYD37J Datasheet HTML 1Page - EIC discrete Semiconductors BYD37J Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYD37D - BYD37M
AVALANCHE FAST SOFT-RECOVERY
RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Guaranteed avalanche energy
absorption capability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Terminals : Plated Terminals, solderable per
MIL-STD-750 Method 2026
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.116 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BYD
BYD
BYD
BYD
BYD
37D
37G
37J
37K
37M
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000
V
Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R-min
300
500
700
900
1100
V
Maximum Average Forward Current Ttp = 105 °C (Note 1)
IF(AV)
1.5
A
Maximum Non-Repetitive Peak Forward Surge Current (Note 2)
IFSM
20
A
Maximum Repetitive Peak Forward Current
IFRM
12
A
Maximum Forward Voltage at 1.0 A
VF
1.3
V
Maximum Reverse Current at VR =VRRMmax
TJ = 20 °C
IR
1.0
μA
TJ = 165 °C
IR(H)
100
μA
Maximum Reverse Recovery Time (Note 3)
Trr
250
300
ns
Thermal Resistance from Junction to Tie-Point
Rth j-tp
30
K / W
Thermal Resistance from Junction to Ambient (Note 4)
Rth j-a
120
K / W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Averaged over any 20 ms period.
(2) t=10ms half sine wave; Tj = Tjmax prior to surge; VR = VRRMmax
(3) Reverse Recovery Test Conditions
: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(4) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-lay≤ 40 μm.
Page 1 of 2
Rev. 02 : March 9, 2006
UNIT
SYMBOL
RATING
Dimensions in inches and ( millimeters )
MELF (Plastic)
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark
Certificate TH97/10561QM
Certificate TW00/17276EM


Numéro de pièce similaire - BYD37J

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYD37J PHILIPS-BYD37J Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
logo
Shenzhen Luguang Electr...
BYD37J LUGUANG-BYD37J Datasheet
199Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
BYD37J LUGUANG-BYD37J Datasheet
203Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
logo
EIC discrete Semiconduc...
BYD37JA EIC-BYD37JA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results

Description similaire - BYD37J

FabricantNo de pièceFiches techniqueDescription
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
   AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
   Ultra Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com