Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-BT2416C1AT1 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce GS-BT2416C1AT1
Description  Bluetooth짰 class 1 module with embedded SPP SW
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1AT1 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button GS-BT2416C1AT1 Datasheet HTML 4Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 9Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 10Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 11Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Bluetooth® section
GS-BT2416C1.AT1
8/38
4.1
RF performance characteristics
In the performance characteristics table the following applies:
Test condition: nominal
– Voltage typical Vdd = 3.3 V
– Temperature typical TA = 25 °C
Parameters are given at antenna pin
Table 5.
Transmitter and receiver performance characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TX Pout
TX output power
2.402 GHz
18
20
dBm
2.441 GHz
18
20
dBm
2.480 GHz
18
20
dBm
ACP
TX output spectrum adjacent
channel power
lM-Nl = 2
- 36
dBm
lM-Nl 3- 44
dBm
RX sens
Receiver sensitivity
@BER 0.1%
- 84
dBm
Table 6.
Synthesizer performance characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF in
RF out
Input and output frequency range
2402
2480
MHz
TX out
TX output spectrum at -20 dB
Bandwidth
920
1000
kHz
∆F
TX initial carrier frequency
tolerance
- 75
75
kHz
l
∆F –pn l
TX carrier frequency drift
DH1 data
packet
25
kHz
DH3 data
packet
40
kHz
DH5 data
packet
40
kHz
l
∆F/50µsl
Drift rate
20
Hz


Numéro de pièce similaire - GS-BT2416C1AT1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.A STMICROELECTRONICS-GS-BT2416C1.A Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
GS-BT2416C1H STMICROELECTRONICS-GS-BT2416C1H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
More results

Description similaire - GS-BT2416C1AT1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com