Moteur de recherche de fiches techniques de composants électroniques |
|
STB21NM60ND Fiches technique(PDF) 3 Page - STMicroelectronics |
|
STB21NM60ND Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 18 page STP/F21NM60ND - STB21NM60ND - STI21NM60ND - STW21NM60ND Electrical ratings 3/18 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit TO-220/D2PAK I2PAK / TO-247 TO-220FP VDS Drain-source voltage (VGS = 0) 600 V VGS Gate- source voltage ±25 V ID Drain current (continuous) at TC = 25 °C 17 17(1) 1. Limited only by maximum temperature allowed A ID Drain current (continuous) at TC = 100 °C 10 10(1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 68 68(1) A PTOT Total dissipation at TC = 25 °C 140 30 W dv/dt(3) 3. ISD ≤ 17 A, di/dt ≤ 600 A/µs, VDD = 80% V(BR)DSS Peak diode recovery voltage slope 40 V/ns Viso Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s;TC=25 °C) -- 2500 V Tstg Storage temperature –55 to 150 150 °C TJ Max. operating junction temperature Table 3. Thermal data Symbol Parameter TO-220 D²PAK I²PAK TO-247 TO-220FP Unit Rthj-case Thermal resistance junction- case max 0.89 4.17 °C/W Rthj-amb Thermal resistance junction- ambient max 62.5 -- 62.5 50 62.5 °C/W Tl Maximum lead temperature for soldering purpose 300 °C Table 4. Avalanche characteristics Symbol Parameter Max value Unit IAS Avalanche current, repetitive or not- repetitive (pulse width limited by TJ max) 8.5 A EAS Single pulse avalanche energy (starting TJ = 25 °C, ID = IAS, VDD = 50 V) 610 mJ |
Numéro de pièce similaire - STB21NM60ND |
|
Description similaire - STB21NM60ND |