Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD12ST5G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce ESD12ST5G
Description  ESD Protection Diodes In Ultra Small SOD-723 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD12ST5G Fiches technique(HTML) 3 Page - ON Semiconductor

  ESD12ST5G Datasheet HTML 1Page - ON Semiconductor ESD12ST5G Datasheet HTML 2Page - ON Semiconductor ESD12ST5G Datasheet HTML 3Page - ON Semiconductor ESD12ST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
mESD3.3ST5G SERIES
http://onsemi.com
3
TYPICAL CHARACTERISTICS
-55
+25
7.4
Figure 2. Typical Breakdown Voltage
versus Temperature
TEMPERATURE (
°C)
+150
7.2
7.1
7.0
6.9
6.8
6.3
-55
20
Figure 3. Typical Leakage Current
versus Temperature
TEMPERATURE (
°C)
+25
16
12
8
4
0
7.3
+150
6.7
6.6
6.5
6.4
18
14
10
6
2
mESDxxST5G
mESDxxST5G
Figure 4. Positive 8 kV contact per IEC 6100-4-2
-
mESD5.0ST5G
Figure 5. Negative 8 kV contact per IEC 61000-4-2
-
mESD5.0ST5G


Numéro de pièce similaire - ESD12ST5G

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ESD120-B1-W0201 INFINEON-ESD120-B1-W0201 Datasheet
2Mb / 14P
   Protection device Bi-directional, 2.1 V, 0.28 pF, 0201, RoHS and halogen free compliant
v1.0 2019-06-24
logo
Weitron Technology
ESD1201B2C WEITRON-ESD1201B2C Datasheet
246Kb / 3P
   Surface Mount TVS For ESD Protection Diode
logo
Microdiode Electronics ...
ESD1201OC CHENDA-ESD1201OC Datasheet
1Mb / 4P
   ESD PROTECTION DIODES
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
logo
Socay Electornics Co., ...
ESD120V12D-A SOCAY-ESD120V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Description similaire - ESD12ST5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD33DT5G ONSEMI-ESD33DT5G_08 Datasheet
81Kb / 4P
   ESD Protection Diodes In Ultra Small SOT-723 Package
February, 2008 - Rev. 2
ESD9X3.3ST5G ONSEMI-ESD9X3.3ST5G Datasheet
106Kb / 4P
   ESD Protection Diodes In Ultra Small SOD-923 Package
October, 2006 ??Rev. 1
UESD3.3ST5G ONSEMI-UESD3.3ST5G Datasheet
45Kb / 4P
   ESD Protection Diodes In Ultra Small SOD??23 Package
September, 2005 ??Rev. P1
ESD9C3.3ST5G ONSEMI-ESD9C3.3ST5G Datasheet
38Kb / 3P
   ESD Protection Diodes In Ultra Small SOD-923 Package
April, 2007 ??Rev. 0
logo
NXP Semiconductors
PESD24VS1UB PHILIPS-PESD24VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
Sirectifier Global Corp...
N03AD92 SIRECT-N03AD92 Datasheet
180Kb / 2P
   ESD Protection Diodes in SOD-923 Package
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Nanjing International G...
1SS400G DGNJDZ-1SS400G Datasheet
1Mb / 4P
   SOD-723 Plastic-Encapsulate Diodes
logo
ON Semiconductor
ESD11A3.3DT5G ONSEMI-ESD11A3.3DT5G Datasheet
185Kb / 5P
   Transient Voltage Suppressors ESD Protection Diodes in Ultra Small SOT??123 Package
October, 2009 ??Rev. 1
logo
Rectron Semiconductor
RB520G-30 RECTRON-RB520G-30 Datasheet
232Kb / 5P
   SOD-723 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com