Moteur de recherche de fiches techniques de composants électroniques |
|
L6730B Fiches technique(PDF) 7 Page - STMicroelectronics |
|
L6730B Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 52 page L6730 - L6730B Electrical data Doc ID 11938 Rev 3 7/52 2 Electrical data 2.1 Maximum rating Table 2. Absolute maximum ratings 2.2 Thermal data Table 3. Thermal data Symbol Parameter Value Unit VCC VCC to GND and PGND, OCH, PGOOD -0.3 to 18 V VBOOT - VPHASE Boot voltage 0 to 6 V VHGATE - VPHASE 0 to VBOOT - VPHASE V VBOOT BOOT -0.3 to 24 V VPHASE PHASE -1 to 18 V PHASE spike, transient < 50ns (FSW = 500kHz) -3 +24 SS, FB, EAREF, SYNC, OSC, OCL, LGATE, COMP, S/O/U, TMASK, PGOODELAY, VCCDR -0.3 to 6 V OCH Pin Maximum withstanding voltage range test condition: CDF-AEC-Q100-002 “human body model” acceptance criteria: “normal performance” ±1500 V PGOOD Pin ±1000 OTHER PINS ±2000 Symbol Description Value Unit RthJA (1) 1. Package mounted on demonstration board Max. thermal resistance junction to ambient 50 °C/W TSTG Storage temperature range -40 to +150 °C TJ Junction operating temperature range -40 to +125 °C TA Ambient operating temperature range -40 to +85 °C |
Numéro de pièce similaire - L6730B |
|
Description similaire - L6730B |