Moteur de recherche de fiches techniques de composants électroniques |
|
ST72P325K4T3 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
ST72P325K4T3 Fiches technique(HTML) 9 Page - STMicroelectronics |
9 / 197 page ST72325xx 9/197 Figure 3. 48-Pin LQFP 7x7 Device Pinout 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 AIN4 / PD3 PC1 / OCMP1_B / AIN13 PC0 / OCMP2_B / AIN12 VSS_1 PC6 / SCK / ICCCLK PC5 / MOSI / AIN14 PC4 / MISO / ICCDATA PC3 (HS) / ICAP1_B PC2 (HS) / ICAP2_B VDD_1 PA3 (HS) PA2 PC7 / SS / AIN15 PWM1 / PB2 PWM0 / PB3 ARTCLK / (HS) PB4 ARTIC1 / PB5 AIN0 / PD0 AIN1 / PD1 AIN3 / PD2 PE2 (HS) PE4 PWM3 / PB0 PWM2 / PB1 ei2 ei3 ei0 ei1 eix associated external interrupt vector (HS) 20mA high sink capability = Pin not connected in ST72325S devices Legend Caution: 48-pin ‘C’ devices have unbonded pins that require software initialization. Refer to Note 4 on page 16 for details on initializing the I/O registers for these devices. |
Numéro de pièce similaire - ST72P325K4T3 |
|
Description similaire - ST72P325K4T3 |