Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


2SK2624LS Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce 2SK2624LS
Description  Ultrahigh-Speed Switching Applications
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
2SK2624LS
No.5404–2/4
Continued from preceding page.
Switching Time Test Circuit
PW=1
µs
D.C.
≤0.5%
P.G
RGS
50
G
S
ID=1.8A
RL=111Ω
VDD=200V
VGS=15V
VOUT
2SK2624LS
D
25
°C
75
°C
0
ID -- VGS
3.0
3.5
4.0
4.5
5.0
2.5
2.0
1.5
0.5
1.0
0
0
2
6
12
14
16
18
10
820
4
VDS=10V
0
ID -- VDS
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
24
8
10
6
13
7
9
5
VGS=6V
10V
15V
8V
7V
Tc=--25
°C
IT01020
IT01021
Tc=25
°C
ID=3.0A
1.8A
1.0A
0
RDS(on) -- VGS
2.5
3.0
3.5
4.0
2.0
1.5
1.0
8
212
20
14
16
18
610
4
IT01022
I D
=1.8A,
V GS
=15V
I D
=1.8A,
V GS
=10V
--50
RDS(on) -- Tc
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
7.0
6.5
2.0
1.5
1.0
0.5
0
50
--25
150
25
75
100
125
0
IT01023
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
0
2
=
S
G
I
,
V
0
1
=
D
A
3
=5
1C
n
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S7
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
4s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S2
2s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
3
=
S
G
0
=8
9
.
02
.
1V




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3092Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3308Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5603Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl