Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA5760UK Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TEA5760UK
Description  Single chip FM stereo radio
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA5760UK Fiches technique(HTML) 5 Page - NXP Semiconductors

  TEA5760UK Datasheet HTML 1Page - NXP Semiconductors TEA5760UK Datasheet HTML 2Page - NXP Semiconductors TEA5760UK Datasheet HTML 3Page - NXP Semiconductors TEA5760UK Datasheet HTML 4Page - NXP Semiconductors TEA5760UK Datasheet HTML 5Page - NXP Semiconductors TEA5760UK Datasheet HTML 6Page - NXP Semiconductors TEA5760UK Datasheet HTML 7Page - NXP Semiconductors TEA5760UK Datasheet HTML 8Page - NXP Semiconductors TEA5760UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TEA5760UK_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2006
4 of 36
NXP Semiconductors
TEA5760UK
Single chip FM stereo radio
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Ball configuration TEA5760UK
001aaf252
TEA5760UK
Transparent top view
E
D
C
A
B
246
135
bump A1
index area
Table 2.
Pin description
Symbol
Pin
Description
CPOUT
A1
charge pump output of synthesizer PLL
LOOPSW
A2
switch output of synthesizer PLL loop filter
LO1
A3
local oscillator coil connection
LO2
A4
local oscillator coil connection
VCC(VCO)
A5
Voltage Controlled Oscillator (VCO) supply voltage
VCCA
A6
analog supply voltage
SWPORT
B1
software programmable port
INTX
B2
interrupt
GND(A1)
B5
analog ground 1
RFIN1
B6
RF input 1
FREQIN
C1
input for 32.768 kHz reference frequency
BUSEN
C2
bus enable input for control interface
GND(RF)
C5
RF ground
RFIN2
C6
RF input 2
VCCD
D1
digital supply voltage
GND(D1)
D2
digital ground 1
GND(D2)
D3
digital ground 2
GND(A2)
D5
analog ground 2
TMUTE
D6
time constant for soft mute
DATA
E1
control interface data line input/output
CLOCK
E2
control interface clock line input
VREFDIG
E3
digital reference voltage for control interface


Numéro de pièce similaire - TEA5760UK

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5761UK NXP-TEA5761UK Datasheet
239Kb / 45P
   Low voltage single-chip FM stereo radio
Rev. 01-2 August 2006
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5762H PHILIPS-TEA5762H Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5764HN PHILIPS-TEA5764HN Datasheet
287Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
TEA5764UK PHILIPS-TEA5764UK Datasheet
281Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
More results

Description similaire - TEA5760UK

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
TEA5761UK NXP-TEA5761UK Datasheet
239Kb / 45P
   Low voltage single-chip FM stereo radio
Rev. 01-2 August 2006
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
logo
List of Unclassifed Man...
KT0830EG ETC-KT0830EG Datasheet
912Kb / 21P
   Stereo FM Receiver Radio-on-a-Chip™
Rev. 1.2
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
logo
Silicon Laboratories
SI4682-A10 SILABS-SI4682-A10 Datasheet
998Kb / 3P
   Single-Chip, FM/HD Radio Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com