Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8594SD Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TDA8594SD
Description  I2C-bus controlled 4 X 50 W power amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8594SD Fiches technique(HTML) 1 Page - NXP Semiconductors

  TDA8594SD Datasheet HTML 1Page - NXP Semiconductors TDA8594SD Datasheet HTML 2Page - NXP Semiconductors TDA8594SD Datasheet HTML 3Page - NXP Semiconductors TDA8594SD Datasheet HTML 4Page - NXP Semiconductors TDA8594SD Datasheet HTML 5Page - NXP Semiconductors TDA8594SD Datasheet HTML 6Page - NXP Semiconductors TDA8594SD Datasheet HTML 7Page - NXP Semiconductors TDA8594SD Datasheet HTML 8Page - NXP Semiconductors TDA8594SD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1.
General description
The TDA8594 is a complementary quad Bridge Tied Load (BTL) audio power amplifier
made in BCDMOS technology. It contains four independent amplifiers in BTL
configuration. Through the I2C-bus, diagnosis of temperature warning and clipping level is
fully programmable and the information available via two diagnostic pins is selectable. The
status of each amplifier (output offset, load or no load, short-circuit or speaker incorrectly
connected) can be read separately.
2.
Features
2.1 General
I Operates in legacy mode (non I2C-bus) and I2C-bus mode (3.3 V and 5 V compliant)
I Three hardware-programmable I2C-bus addresses
I Drives 4 Ω or 2 Ω loads
I Speaker fault detection
I Independent short-circuit protection per channel
I Loss of ground and open VP safe (with 200 mΩ series impedance and a supply
decoupling capacitor of 2200
µF maximum)
I All outputs short-circuit proof to ground, supply voltage and across the load
I All pins short-circuit proof to ground
I Temperature-controlled gain reduction to prevent audio holes at high junction
temperatures
I Low battery voltage detection
I Offset detection
I This part has been qualified in accordance with AEC-Q100
2.2 I2C-bus mode
I DC load detection: open-circuit, short-circuit and load present
I AC load (tweeter) detection
I During start-up, can detect which load is connected so the appropriate gain can be
selected without audio pop
I Independently selectable soft mute of front channels (channel 1 and channel 3) and
rear channels (channel 2 and channel 4)
I Programmable gain (26 dB and 16 dB) of front channels (channel 1 and channel 3)
and rear channels (channel 2 and channel 4)
TDA8594
I2C-bus controlled 4
× 50 W power amplifier
Rev. 02 — 11 December 2007
Product data sheet


Numéro de pièce similaire - TDA8594SD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
More results

Description similaire - TDA8594SD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com