Moteur de recherche de fiches techniques de composants électroniques |
|
ISL59605IRZ Fiches technique(PDF) 6 Page - Intersil Corporation |
|
ISL59605IRZ Fiches technique(HTML) 6 Page - Intersil Corporation |
6 / 27 page ISL59601, ISL59602, ISL59603, ISL59604, ISL59605 6 FN6739.1 November 23, 2010 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage between VDD and GND . . . . . . . . . . . . 5.75V Maximum Continuous Output Current . . . . . . . . . . . . . 50mA Maximum Voltage on any Pin. . . . GND - 0.3V to VDD + 0.3V ESD Rating Human Body Model (tested per JESD22-A114) . . . . 8,000V Machine Model (Tested per JESD22-A115) . . . . . . . . 600V CDM Model (Tested per JESD22-C101). . . . . . . . . . 2,000V Latch Up (Tested per JESD78; Class II, Level A) . . . . . . . . 100mA Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 20 Ld QFN Package (Notes 4, 5) . . 40 3.7 Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C Ambient Operating Temperature . . . . . . . . . -40°C to +85°C Die Junction Temperature . . . . . . . . . . . . . . . . . . . +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P, cable type = Cat 5, cable length = 0 feet, RL = 150Ω (75Ω series + 75Ω load to ground), TA = +25°C, exposed die plate = 0V, unless otherwise specified. Max cable length = 1000 feet for ISL59601, 2000 feet for ISL59602, 3000 feet for ISL59603, 4000 feet for ISL59604, and 5300 feet for ISL59605. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT SUPPLY VDD VDD Operating Range 4.5 5.0 5.5 V IS1 VDD1 Supply Current 40 60 mA IS2 VDD2 Supply Current 30 45 mA PSRRDC Power Supply Rejection Ratio 60 dB AC PERFORMANCE BW -3dB Bandwidth Full power 5 MHz DG Differential Gain Cable length = max, 20IRE Sub Carrier on 100% ramp 1% DP Differential Phase Cable length = max, 20IRE Sub Carrier on 100% ramp 1° DC PERFORMANCE VBL Output Blanking/Backporch Level Measured at VIDEO OUT pin 0.82 0.95 1.05 V INPUT CHARACTERISTICS VINDIFF_MIN Minimum Correctable Peak-to-Peak Signal Swing Measured at the source-end of cable, before cable losses 0.7 VP-P VINDIFF_MAX Maximum Correctable Peak-to- Peak Signal Swing Measured at the source-end of cable, before cable losses 1.4 VP-P VCM-MIN Min Common Mode Input Voltage 1 V VCM-MAX Max Common Mode Input Voltage 4 V SNR Signal-to-Noise Ratio, NTC-7 weighted filter EQ = 0 feet -67 dB rms EQ = 1,000 feet -67 dB rms EQ = 2,000 feet -65 dB rms EQ = 3,000 feet -64 dB rms EQ = 4,000 feet -61 dB rms EQ = 5,300 feet -54 dB rms |
Numéro de pièce similaire - ISL59605IRZ |
|
Description similaire - ISL59605IRZ |