Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28218FUZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL28218FUZ
Description  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28218FUZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL28218FUZ Datasheet HTML 5Page - Intersil Corporation ISL28218FUZ Datasheet HTML 6Page - Intersil Corporation ISL28218FUZ Datasheet HTML 7Page - Intersil Corporation ISL28218FUZ Datasheet HTML 8Page - Intersil Corporation ISL28218FUZ Datasheet HTML 9Page - Intersil Corporation ISL28218FUZ Datasheet HTML 10Page - Intersil Corporation ISL28218FUZ Datasheet HTML 11Page - Intersil Corporation ISL28218FUZ Datasheet HTML 12Page - Intersil Corporation ISL28218FUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL28118, ISL28218
9
FN7532.1
November 22, 2010
FIGURE 9. VOS vs TEMPERATURE
FIGURE 10. INPUT OFFSET VOLTAGE vs INPUT
COMMON MODE VOLTAGE, VS = ±15V
FIGURE 11. IBIAS vs VS
FIGURE 12. IBIAS vs TEMPERATURE vs SUPPLY
FIGURE 13. ISL28118 CMRR vs TEMPERATURE,
VS = ±15V
FIGURE 14. ISL28118 CMRR vs TEMPERATURE,
VS = ±5V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20
0
20
40
60
80 100 120 140 160
TEMPERATURE (°C)
VS = ±5V
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
-17
-16
-15
-14
-13 -12
13
14
15
10 11
12
-40°C
+25°C
+125°C
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
2 4 6 8 101214161820 22 2426 283032 3436 3840
VS (V)
TEMPERATURE (°C)
-400
-350
-300
-250
-200
-150
-40
-20
0
20
40
60
80
100
120
140
VS = ±2.25V
VS = ±5V
VS = ± 15V
VS = ±20V
VS = ±1.5V
TEMPERATURE (°C)
-60 -40 -20
0
20
40
60
80 100 120 140 160
110
112
114
116
118
120
122
124
TEMPERATURE (°C)
-60 -40 -20
0
20
40
60
80 100 120 140 160
110
112
114
116
118
120
122
124


Numéro de pièce similaire - ISL28218FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28218FUZ RENESAS-ISL28218FUZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28218FUZ INTERSIL-ISL28218FUZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
More results

Description similaire - ISL28218FUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com