Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59603IRZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL59603IRZ
Description  MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59603IRZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL59603IRZ Datasheet HTML 3Page - Intersil Corporation ISL59603IRZ Datasheet HTML 4Page - Intersil Corporation ISL59603IRZ Datasheet HTML 5Page - Intersil Corporation ISL59603IRZ Datasheet HTML 6Page - Intersil Corporation ISL59603IRZ Datasheet HTML 7Page - Intersil Corporation ISL59603IRZ Datasheet HTML 8Page - Intersil Corporation ISL59603IRZ Datasheet HTML 9Page - Intersil Corporation ISL59603IRZ Datasheet HTML 10Page - Intersil Corporation ISL59603IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
7
FN6739.1
November 23, 2010
CMRR
Common-mode Rejection Ratio at
fIN = 100kHz
0 feet cable
-50
dB
2,500 feet cable
-35
dB
IClamp
Input Clamp Current
25
μA
OUTPUT CHARACTERISTICS
AGC-ACC
AGC Accuracy
Accuracy of sync tip
amplitude relative to 600mV
±0.5
dB
IOUT
Output Drive Current
40
mA
tEN-EQ
Enable-to-Equalization On Time
500
ns
tDIS-EQ
Disable-to-Equalization Off Time
500
ns
LOGIC CONTROL PINS
VIH
Logic High Level
2.0
V
VIL
Logic Low Level
0.8
V
ILOGIC
Logic Input Current
EQ_DISABLE, FREEZE, SD,
SCK, SEN
±10
μA
INVERT, COLOR
±500
μA
Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P,
cable type = Cat 5, cable length = 0 feet, RL = 150Ω (75Ω series + 75Ω load to ground),
TA = +25°C, exposed die plate = 0V, unless otherwise specified.
Max cable length = 1000 feet for ISL59601, 2000 feet for ISL59602, 3000 feet for
ISL59603, 4000 feet for ISL59604, and 5300 feet for ISL59605. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Serial Timing
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
tCS
Serial Enable Deselect Time
10
ns
tLEAD
Lead Time
10
ns
tSU
SD, SCK Setup Time
10
ns
tH
SD, SEN, SCK Hold Time
10
ns
tWH
SCK High Time
100
ns
tWL
SCK Low Time
100
ns
tRI
SD, SEN, SCK Rise Time
10
ns
tFI
SD, SEN, SCK Fall Time
10
ns
tLAG
Lag Time
10
ns
tV
SCK Rising Edge to SD Data Valid
Read Operation
10
ns
fSCK
SCK Frequency
5
MHz


Numéro de pièce similaire - ISL59603IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59603IRZ INTERSIL-ISL59603IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59603IRZ RENESAS-ISL59603IRZ Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59603IRZ-T7 INTERSIL-ISL59603IRZ-T7 Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59603IRZ-T7 RENESAS-ISL59603IRZ-T7 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59603IRZ-T7A INTERSIL-ISL59603IRZ-T7A Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
More results

Description similaire - ISL59603IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com