Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28218FBZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL28218FBZ
Description  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28218FBZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL28218FBZ Datasheet HTML 1Page - Intersil Corporation ISL28218FBZ Datasheet HTML 2Page - Intersil Corporation ISL28218FBZ Datasheet HTML 3Page - Intersil Corporation ISL28218FBZ Datasheet HTML 4Page - Intersil Corporation ISL28218FBZ Datasheet HTML 5Page - Intersil Corporation ISL28218FBZ Datasheet HTML 6Page - Intersil Corporation ISL28218FBZ Datasheet HTML 7Page - Intersil Corporation ISL28218FBZ Datasheet HTML 8Page - Intersil Corporation ISL28218FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL28118, ISL28218
4
FN7532.1
November 22, 2010
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . 20mA
Maximum Differential Input
Voltage. . . . . . . . . . . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Min/Max Input Voltage . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Max/Min Input Current for Input Voltage . . >V+ or <V- ±20mA
Output Short-Circuit Duration (1 output at a time) . . Indefinite
ESD Tolerance
Human Body Model (Tested per JESD22-A114F) . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . 300V
Charged Device Model (Tested per CDM-22CI0ID) . . . . 2kV
Operating Conditions
Ambient Operating Temperature Range. . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . +150°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
ISL28118
8 Ld TDFN Package (Notes 5, 6) . . .
50
9
8 Ld SOIC Package (Notes 4, 7) . . .
120
60
8 Ld MSOP Package (Notes 4, 7) . .
165
57
ISL28218
8 Ld TDFN Package (Notes 5, 6) . . .
48
5.5
8 Ld SOIC Package (Notes 4, 7) . . .
120
55
8 Ld MSOP Package (Notes 4, 7) . .
150
45
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface
limits apply over the operating temperature range, -40°C to +125°C. Temperature
data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Input Offset Voltage
ISL28118
-150
25
150
µV
-270
270
µV
ISL28218
-230
40
230
µV
-290
290
µV
TCVOS
Input Offset Voltage
Temperature Coefficient
ISL28118
-1.2
0.2
1.2
µV/°C
ISL28218
-1.4
0.3
1.4
µV/°C
ΔVOS
Input Offset Voltage Match
(ISL28218 only)
-280
44
280
µV
-365
365
µV
IB
Input Bias Current
-575
-230
nA
-800
nA
TCIB
Input Bias Current
Temperature Coefficient
-0.8
nA/°C
IOS
Input Offset Current
-50
4
50
nA
-75
75
nA
CMRR
Common-Mode Rejection
Ratio
VCM = V- - 0.5V to V+ - 1.8V
118
dB
VCM = V- - 0.2V to V+ -1.8V
118
dB
ISL28118
VCM = V- to V+ -1.8V
102
118
dB
98
dB
ISL28218
VCM = V- to V+ -1.8V
103
118
dB
99
dB
ISL28118, ISL28218


Numéro de pièce similaire - ISL28218FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28218FBZ RENESAS-ISL28218FBZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28218FBZ INTERSIL-ISL28218FBZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
More results

Description similaire - ISL28218FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com