Moteur de recherche de fiches techniques de composants électroniques |
|
7-1437558-5 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
7-1437558-5 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 14 page C43 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C MTA Series Toggle Switches, MT Series, Wire Lug, Long Bat Actuator TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ......................................6 A @ 125 VAC, 3 A @ 250 VAC, 4A @ 28 VDC Initial Contact Resistance......................20 Milliohms max. Contact Timing......................................Break before make Insulation Resistance ............................1,000 Megohms min. @ 500 VDC min. for 1 minute Dielectric Strength ................................1,500 VAC Actuation Force .....................................05-1.5 kg. Actuator Travel ....................................24° (26° on MTL Series) High Torque Bushing Shoulder ............Standard Life Expectancy ....................................See chart below. NOTICE: For terminal connections refer to Code Chart Page M5-6. Note: Hardware included with all switches MATERIAL SPECIFICATIONS: Contacts ................................................Gold flash over silver Actuator Material ..................................Chrome plated copper alloy Case Material ........................................Thermoset 94V-0 Terminals ..............................................Gold flash Terminal Seal ........................................Epoxy ENVIRONMENTAL SPECIFICATIONS Operating Temperature ........................-4°F to +176°F (-20°C to +80°C) Storage Temperature ............................-40°F to +176°F (-40°C to +80°C) Solder Heat Resistance..........................See page M3-4 UL Available when ordering . . . Consult factory. SPDT/DPDT/SP3T MTA106D 3PDT/4PDT/DP3T MTA306D MTA406N Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437558-0 MTA206N DPDT 2 On None On 2-1437558-2 MTA206P DPDT 6 On Off On 2-1437558-7 MTA206R DPDT 2 On None (On) 2-1437558-9 MTA206S DPDT 6 (On) Off (On) 3-1437558-2 MTA206T DPDT 6 On Off On 2-1437558-3 *MTA206PA SP3T 11 On On On 3-1437558-0 *MTA206SA SP3T 11 (On) On (On) 3-1437558-3 *MTA206TA SP3T 11 On On (On) (On) indicates momentary position. * Note: PA, SA & TA types have case .100/(2.50) longer than other types. Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437558-0 MTA106D SPDT 1 On None On 1-1437558-2 MTA106E SPDT 5 On Off On 1-1437558-4 MTA106F SPDT 1 On None (On) 1-1437558-6 MTA106G SPDT 5 (On) Off (On) 1-1437558-8 MTA106H SPDT 5 On Off (On) (On) indicates momentary position. MTA206N Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437558-5 MTA306D 3PDT 3 On None On 3-1437558-7 MTA306E 3PDT 7 On Off On 3-1437558-9 MTA306F 3PDT 3 On None (On) 4-1437558-1 MTA306H 3PDT 7 On Off (On) (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437558-3 MTA406N 4PDT 4 On None On 4-1437558-5 MTA406P 4PDT 8 On Off On 4-1437558-6 *MTA406PA DP3T 12 On On On *Note: PA types have case .100 (2.50) longer than other types. .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway 1/4-40 UNS-2A .315 (8.0) .394 (10.0) .157 (4.00) .030 (0.76) Typ. .315 (8.00) .512 (13.00) .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway 24˚ .413 (10.49) .512 (13.00) .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .512 (13.00) .512 (13.00) .190 (4.83) .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 24˚ 1/4-40 UNS-2A .413 (10.49) .315 (8.0) .492 (12.5) .157 (4.00) .030 (0.76) Typ. .701 (17.81) .512 (13.00) .170 (4.32) .190 (4.83) Typ. .890 (22.60) .512 (13.00) .190 (4.83) .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .190 (4.83) TYP. 4PDT SPDT 3PDT DPDT .170 (4.32) TYP. .073 (1.85) Dia. Typ. Green Series toggle life expectancy chart Parameter 2 Pos. 3 Pos. Momentary Mechanical (no load) 150,000 100,000 60,000 250AC (3A Resistive) 80,000 60,000 60,000 125AC (6A Resistive) 80,000 60,000 60,000 28DC(4) (Resistive) 60,000 50,000 40,000 PC Board Layout For Pages C43-C57 Toggle Switch Hole Layout for this page. |
Numéro de pièce similaire - 7-1437558-5 |
|
Description similaire - 7-1437558-5 |