Moteur de recherche de fiches techniques de composants électroniques |
|
4-1437597-2 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
4-1437597-2 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 4 page 2SWK 13/23 Series H2 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 H Key Switches, Medium Security Part Number Tyco Electronics Alcoswitch Type Pos. 1 Pos. 2 Remove Key 1-1437597-7 2SWK131AL101 SPST Off On Position 1 2-1437597-3 2SWK132AL101 SPST Off On Position 1 or 2 Part Number Tyco Electronics Alcoswitch Type Pos. 1 Pos. 2 Remove Key 2-1437597-7 2SWK231AL101 SPST Off (On) Position 1 4-1437597-3 SWK1323AL101 Spare Key for SWK Series (On) indicates momentary position. NOTE: All Keylocks are supplied with 2 brass keys on a ring. MATERIAL SPECIFICATIONS Contacts ……………………Silver Cylinder Material……………Zinc alloy Lock Body …………………Zinc alloy Key Material ………………Brass Terminals/Fixed Contacts …Screw type Beveled Frame Finish ………302 Stainless steel ENVIRONMENTAL SPECIFICATIONS Solder Heat Resistance ……See page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS Contact Rating ………………1A at 120 VAC resistive Initial Contact Resistance……50 Milliohms max. Contact Timing………………Non-shorting Plunger/Actuator Travel ……90° Key Changes ………………25 Standard Life Expectancy ……………Up to 10,000 Cycles SPST 5 Disc Tumblers PANEL CUT-OUT .760 (19.3) .750 (19.1) .640 (16.3) .630 (16.0) 0.91 (23.1) POS.2 90 ° POS.1 0.22 (5.58) 1.14 (29.0) .860 (21.8) 0.54 (13.7) 3/4-24 UNS-2A 6-32 SEM SCREWS .630 (16.0) ACROSS FLATS 2SWK131 |
Numéro de pièce similaire - 4-1437597-2 |
|
Description similaire - 4-1437597-2 |