Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1437626-3 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 3-1437626-3
Description  Pushbutton Switches, Splashproof Boot Seals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1437626-3 Fiches technique(HTML) 1 Page - Tyco Electronics

  3-1437626-3 Datasheet HTML 1Page - Tyco Electronics 3-1437626-3 Datasheet HTML 2Page - Tyco Electronics 3-1437626-3 Datasheet HTML 3Page - Tyco Electronics 3-1437626-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D31
D
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
BP Series
Pushbutton Switches, Splashproof Boot Seals
A wide selection of stock boot seals for pushbuttons are available in a variety of styles and thread sizes. ALCOSWITCH seals replace
standard mounting hardware to provide environmental seal. Fabricated of Neoprene in black and optional red or gray. Custom colors and
thread sizes are also available on special order.
15/32-32 PUSHBUTTON BOOT SEALS
Splashproof seals having 15/32-32 hex shape mounts integrally bonded onto the black
Neoprene seal. Supplied with a captive O-Ring for use against the panel. Readily
accepts actuators up to .38” in length. Available in two tone with nickel finish hex-
mount, or all black.
Part Number
Tyco
Alcoswitch
Mount Color Boot Color Thread Size Use with Switch Types
Electronics
2-1437626-5
BP5890
Nickel
Black
15/32-32
MSPF and MPG Series
2-1437626-6
BP5900
Black
Black
15/32-32
MSPF and MPG Series
BP5900
BP5890
15/32-32 PUSHBUTTON BOOT SEALS
Splashproof seals incorporating a molded-in hex nut for water tight and dust tight
protection. Replaces standard hardware usually supplied. Recommended for large size
pushbutton switches with actuators extending up to .31" long.
Part Number
Tyco
Alcoswitch Mount Color Boot Color Thread Size
Use with Switch Types
Electronics
2-1437626-0 BP15320
Black
Black
15/32-32
MSPF and MPG Series
2-1437626-1 BP15322
Red
Red
15/32-32
MSPF and MPG Series
2-1437626-2 BP15328
Gray
Gray
15/32-32
MSPF and MPG Series
1/4-40 PUSHBUTTON BOOT SEALS
Splashproof seals having 1/4-40 blind nuts integrally mounted to the black Neoprene
seal. Supplied with a captive O-Ring to complete the panel seal. Used with actuators up
to .37" long. Choice of two-tone with nickel finish knurled ring or all black.
Part Number
Tyco
Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types
Electronics
2-1437626-3 BP1900
Nickel
Black
1/4-40
MSPM, MSP3, MPA3 and TP Series
2-1437626-4 BP2010
Black
Black
1/4-40
MSPM, MSP3, MPA3 and TP Series
BP1900
BP20100
BP15320
1/4-40 PUSHBUTTON BOOT SEALS
Splashproof seals for miniature pushbuttons having
a 1/4-40 bushing. The two models allow use with
buttons that extend up to .17” (BPA) or up to
.33"(BP). The hex nut is molded-in and no O-Ring
is required.
Part Number
Tyco
Alcoswitch
Mount Color Boot Color Thread Size
Use with Switch Types
Electronics
1-1437626-7
BP14400
Black
Black
1/4-40
MSPM, MPA3, MPS and TP Series
1-1437626-8
BP14402
Red
Red
1/4-40
MSPM, MPA3, MPS and TP Series
1-1437626-9
BP14408
Gray
Gray
1/4-40
MSPM, MPA3, MPS and TP Series
2-1437626-7
BPA14400
Black
Black
1/4-40
MSPMBS, MSPMCS, MSP3,MPA3, TP Series
2-1437626-8
BPA14402
Red
Red
1/4-40
MSPMBS, MSPMCS, MSP3, MPA3, TP Series
2-1437626-9
BPA14408
Gray
Gray
1/4-40
MSPMBS, MSPMCS, MSP3, MPA3, TP Series
BPA14400
BP14400
BP
BPA
10-48 PUSHBUTTON BOOT SEALS
Splashproof seal designed for "TINY" pushbutton switches having a 10-48
bushing and .14" long button actuators. The hex nut is molded-in to the Neoprene seal.
No O-Ring is required. Custom colors are available on special order.
Part Number
Tyco
Alcoswitch
Mount Color
Boot Color Thread Size
Use with Switch Types
Electronics
1-1437626-4 BP10480
Black
Black
10-48
TP Series
1-1437626-5 BP10482
Red
Red
10-48
TP Series
1-1437626-6 BP10488
Gray
Gray
10-48
TP Series
BP10480
.276
(7.01)
.312
(7.92)
10-48 UNS-28
.079
(2.00)
.460
(11.6)
.425
(10.7)
.425
(10.7)
.300
(7.62)
.090
(2.28)
.090
(2.28)
1/4-40 UNS-2B
1/4-40 UNS-2B
.472
(11.9)
.090
(2.28)
.670
(17.0)
15/32 32 UNS-2B
1/4-40 UNS-2B
.472
(11.9)
.460
(11.6)
.472
(11.9)
.670
(17.0)
.090
(2.28)
15/32 32UNS-2B


Numéro de pièce similaire - 3-1437626-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1437610-5 MACOM-3-1437610-5 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
3-1437610-6 MACOM-3-1437610-6 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
3-1437610-7 MACOM-3-1437610-7 Datasheet
266Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Description similaire - 3-1437626-3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com