Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD275P7 Fiches technique(PDF) 3 Page - SHIELD s.r.l.

No de pièce SD275P7
Description  Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

SD275P7 Fiches technique(HTML) 3 Page - SHIELD s.r.l.

  SD275P7 Datasheet HTML 1Page - SHIELD s.r.l. SD275P7 Datasheet HTML 2Page - SHIELD s.r.l. SD275P7 Datasheet HTML 3Page - SHIELD s.r.l. SD275P7 Datasheet HTML 4Page - SHIELD s.r.l. SD275P7 Datasheet HTML 5Page - SHIELD s.r.l. SD275P7 Datasheet HTML 6Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DISTRIBUTION BOXES | SCATOLE DISTRIBUZIONE version 091028
Spiderbox
43-44
www.shield.net
family coding example
esempio codifica famiglia
A+B = SD3A1P0
control connection = top assembling, with M12 connector
abbreviations in the drawings: F = female connector, M = male connector, K = cable
collegamento di controllo = montaggio da sopra, con connettore M12
abbreviazioni nei disegni: F = connettore femmina, M = connettore maschio, K = cavo
1 block
1 modulo
2 blocks
2 moduli
3 blocks
3 moduli
4 blocks
4 moduli
5 blocks
5 moduli
title
titolo
description
descrizione
....1P0
....2P0
....3P0
....4P0
....5P0
SPIDERBOX®
hybrid box,
triple line,
in star.
SPIDERBOX®
scatola ibrida,
tripla fila,
a stella.
control with
1 top assembling
male connector;
output ways
with fixed small cables
+ connectors for
optional connections
controllo con
1 connettore maschio
montaggio da sopra;
vie di uscita
con cavi piccoli fissi
+ connettori per
collegamenti opzionali
SD3A...
control with
2 top assembling
male connectors;
output ways
with fixed big cables
+ connectors for
optional connections
controllo con
2 connettori maschio
montaggio da sopra;
vie di uscita
con cavi grandi fissi
+ connettori per
collegamenti opzionali
control with
2 top assembling
male connectors;
output ways
with fixed small cables
+ connectors for
optional connections
controllo con
2 connettori maschio
montaggio da sopra;
vie di uscita
con cavi piccoli fissi
+ connettori per
collegamenti opzionali
control with
1 top assembling
male connector;
output ways
with fixed big cables
controllo con
1 connettore maschio
montaggio da sopra;
vie di uscita
con cavi grandi fissi
control with
1 top assembling
male connector;
output ways
with big and small cables
+ diagnostic connectors
controllo con
1 connettore maschio
montaggio da sopra;
vie di uscita
con cavi grandi e piccoli
+ connettori di diagnosi
A
B


Numéro de pièce similaire - SD275P7

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30B SENSITRON-SD275SA30B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30C SENSITRON-SD275SA30C Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA45A SENSITRON-SD275SA45A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD275SA45B SENSITRON-SD275SA45B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

Description similaire - SD275P7

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
   Variety of Pressure Ports and Electrical Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
204Kb / 25P
   16-Bit SDRAM Connection and Access Examples
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
logo
PHOENIX CONTACT
2963501 PHOENIX-2963501 Datasheet
59Kb / 3P
   Socket - SD-D/SP/GY
09/12/2020
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
PHOENIX CONTACT
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
   RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
Silikron Semiconductor ...
SSFT4002 SILIKRON-SSFT4002 Datasheet
527Kb / 6P
   Special designed for Convertors and power controls
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com