Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD205P7 Fiches technique(PDF) 1 Page - SHIELD s.r.l.

No de pièce SD205P7
Description  Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

SD205P7 Fiches technique(HTML) 1 Page - SHIELD s.r.l.

  SD205P7 Datasheet HTML 1Page - SHIELD s.r.l. SD205P7 Datasheet HTML 2Page - SHIELD s.r.l. SD205P7 Datasheet HTML 3Page - SHIELD s.r.l. SD205P7 Datasheet HTML 4Page - SHIELD s.r.l. SD205P7 Datasheet HTML 5Page - SHIELD s.r.l. SD205P7 Datasheet HTML 6Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DISTRIBUTION BOXES | SCATOLE DISTRIBUZIONE version 091028
Spiderbox
43-42
www.shield.net
Spiderbox® and Distribox®: examples of special configurations for SD and SP series
Spiderbox® e Distribox®: esempi di configurazioni speciali per serie SD e SP
Mechanical configuration
SD series distribution boxes have a configuration in blocks:
minimum 1, maximum 5.
Blocks are of two types: double block and triple block.
Each double block can distribute maximum the following connections:
4 ways of cable connection if Ø ≤ 6.5 mm, or
2 ways of cable connection if Ø > 6 mm and Ø < 9, or
2 ways of connectors.
Triple blocks have 1 further connector on the top side.
Hybrid configurations contain cable blocks and connector blocks.
Below, a few examples of possible shapes are shown, exchanging the blocks between them, it
is possible to get many more combinations.
See also tables SD20 (page 43-6) and SD30 (page 43-12) for simple combinations.
SP series have smaller dimensions and can distribute only cables, up to 6 blocks in single line;
see configurations examples at the end of the chapter.
Abbreviations:
F = female connector, M = male connector, can be chosen among the following types:
M8 (3-pole), M8 (4-pole), M12 (5-pole), M12 (8-pole), M12 (12-pole) and M12 (17-pole)
K = cable, can be made from 1 to 30 wires, the only limit is its own maximum external
diameter.
Electrical control connection (Supply and Signals)
The main connection, with cable or connectors, is called “control connection”, derivations are
called “output ways”.
Inside the box many different connections types are available, also customized.
Outside the box any way, perpendicular or lateral or from top, can be used for supply or
signals.
In case currents are not high it is possible to put together in the same control cable supply and
signal wires, otherwise, to prevent sensors malfunctioning it is advisable to separate them.
The control connection is generally made of:
1 single cable with supply + signals wires, or
1 supply cable + separately 1 signal cable, or
1 single male connector with supply + signal terminals, or
1 supply male connector + separately 1 signals male connector.
Electrical ratings at 40°C
Maximum voltage: 250 V
Contemporaneous maximum power: 200 W
Maximum current: 8 A common control wires, 4 A each way, 2 A per signal (1,5 A if poles are
more than 8), higher currents are possible upon request.
Warning: verify cable size, length and voltage drop to dimension the current carrying capacity
in a complete way
Offer request
Fill the prepared form on page 43-48.
Configurazione meccanica
Le scatole di distribuzione serie SD hanno una configurazione a moduli:
minimo 1, massimo 5.
I moduli sono di due tipi: modulo doppio e modulo triplo.
Ogni modulo doppio può distribuire massimo i seguenti collegamenti:
4 vie di collegamento cavi se Ø ≤ 6.5 mm, oppure
2 vie di collegamento cavi se Ø > 6 mm e Ø < 9, oppure
2 vie di connettori.
I moduli tripli hanno 1 connettore ulteriore sul lato superiore.
Le configurazioni ibride contengono moduli con cavi e moduli con connettori.
Di seguito sono mostrati alcuni esempi di forme possibili; scambiando i moduli tra loro si
possono ottenere altre combinazioni.
Vedere anche le schede SD20 (pagina 43-6) e SD30 (pagina 43-12) per le configurazioni
semplici.
La serie SP ha delle dimensioni più piccole e può distribuire solo cavi, fino a 6 moduli a fila
singola; vedere esempi di configurazione in fondo al capitolo.
Abbreviazioni:
F = connettore femmina, M = connettore maschio, possono essere scelti tra i seguenti tipi:
M8 (3 poli), M8 (4 poli), M12 (5 poli), M12 (8 poli), M12 (12 poli) e M12 (17 poli).
K = cavo, può essere composto da 1 a 30 fili, unico limite è il suo massimo diametro esterno.
Collegamento controllo elettrico (Alimentazione e Segnali)
Il collegamento principale, con cavi o connettori, è chiamato “collegamento di controllo”, le
derivazioni sono chiamate “vie di uscita”.
All’interno della scatola è possibile avere numerosi tipi di collegamenti diversi, anche
personalizzati.
All’esterno della scatola qualsiasi via perpendicolare o laterale o da sopra può essere utilizzata
per alimentazione e segnali.
In caso di correnti non elevate è possibile unire nello stesso cavo di controllo fili di alimentazione
e segnali; altrimenti, per prevenire malfunzionamenti ai sensori è preferibile separarli.
Il collegamento di controllo è generalmente costituito da:
1 cavo unico con fili di alimentazione + segnali, oppure
1 cavo alimentazione + separatamente 1 cavo segnali, oppure
1 connettore maschio unico con contatti di alimentazione + segnali, oppure
1 connettore maschio alimentazione + separatamente 1 connettore maschio segnali.
Dati elettrici a 40°C
Tensione massima: 250 V
Potenza massima contemporanea: 200 W
Corrente massima: 8 A per fili comuni di controllo, 4 A per ogni via, 2 A per segnale (1,5 A se i
poli sono maggiori di 8), correnti superiori possibili su richiesta.
Attenzione: per dimensionare in modo completo la portata di corrente verificare anche sezioni,
lunghezze e cadute di tensione dei cavi.
Richiesta di offerta
Compilare il modulo predisposto a pagina 43-49.
family coding example
esempio codifica famiglia
A+B = SD301N7
control connection = perpendicular to output ways, with cable
collegamento di controllo = perpendicolare alle vie di uscita, con cavo
1 block
1 modulo
2 blocks
2 moduli
3 blocks
3 moduli
4 blocks
4 moduli
5 blocks
5 moduli
title
titolo
description
descrizione
....1N7
....2N7
....3N7
....4N7
....5N7
SPIDERBOX®
hybrid box,
triple line,
in star
SPIDERBOX®
scatola ibrida,
tripla fila,
a stella
output ways
with fixed small cables
+ connectors for
optional connections
vie di uscita
con cavi piccoli fissi
+ connettori per
collegamenti opzionali
SD3A...
output ways
with fixed big cables
+ diagnostic connector
vie di uscita
con cavi grandi fissi
+ connettore di diagnosi
output ways
with big and small cables
+ diagnostic connectors
vie di uscita
con cavi grandi e piccoli
+ connettori di diagnosi
A
B


Numéro de pièce similaire - SD205P7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SD205 ETC-SD205 Datasheet
105Kb / 3P
   N-CHANNEL ENHANCEMEN-MODE D-MOS POWER FETs
logo
SHIELD s.r.l.
SD205N700100 SHIELD-SD205N700100 Datasheet
535Kb / 4P
   SD20 distribution box, side mounting M12-A sockets, built-in control cable
SD205N700130 SHIELD-SD205N700130 Datasheet
535Kb / 4P
   SD20 distribution box, side mounting M12-A sockets, built-in control cable
SD205N700200 SHIELD-SD205N700200 Datasheet
535Kb / 4P
   SD20 distribution box, side mounting M12-A sockets, built-in control cable
SD205N700230 SHIELD-SD205N700230 Datasheet
535Kb / 4P
   SD20 distribution box, side mounting M12-A sockets, built-in control cable
More results

Description similaire - SD205P7

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
   Variety of Pressure Ports and Electrical Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
204Kb / 25P
   16-Bit SDRAM Connection and Access Examples
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
logo
PHOENIX CONTACT
2963501 PHOENIX-2963501 Datasheet
59Kb / 3P
   Socket - SD-D/SP/GY
09/12/2020
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
PHOENIX CONTACT
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
   RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
Silikron Semiconductor ...
SSFT4002 SILIKRON-SSFT4002 Datasheet
527Kb / 6P
   Special designed for Convertors and power controls
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com